Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2S3L00F Datasheet(PDF) 1 Page - Sharp Corporation

Part # S2S3L00F
Description  Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S2S3L00F Datasheet(HTML) 1 Page - Sharp Corporation

  S2S3L00F Datasheet HTML 1Page - Sharp Corporation S2S3L00F Datasheet HTML 2Page - Sharp Corporation S2S3L00F Datasheet HTML 3Page - Sharp Corporation S2S3L00F Datasheet HTML 4Page - Sharp Corporation S2S3L00F Datasheet HTML 5Page - Sharp Corporation S2S3L00F Datasheet HTML 6Page - Sharp Corporation S2S3L00F Datasheet HTML 7Page - Sharp Corporation S2S3L00F Datasheet HTML 8Page - Sharp Corporation S2S3L00F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
S2S3 Series
1. Recognized by UL1577 (Double protection isolation),
file No. E64380 (as model No. S2S3)
2. Approved by CSA, file No. CA95323 (as model No.
S2S3)
3. Optionary available VDE Approved (∗)(DIN EN
60747-5-2), file No. 40009162 (as model No. S2S3)
4. Package resin : UL flammability grade (94V-0)
(∗) DIN EN60747-5-2 : successor standard of DIN VDE0884.
Up to Date code "RD" (December 2003), approval of DIN
VDE0884.
From Date code "S1" (January 2004), approval of DIN
EN60747-5-2.
(∗∗) Reinforced insulation type is also available.
(PC3SG11YIZ Series)
■ Features
■ Agency approvals/Compliance
1. Triggering for Triacs used to switch on and off
devices which require AC Loads.
For example heaters, fans, motors, solenoids, and
valves.
2. Triggering for Triacs used for implementing phase
control in applications such as lighting control and
temperature control (HVAC).
3. AC line control in power supply applications.
■ Applications
VDRM : 600V, Non-zero cross type
Mini-Flat Package
Phototriac Coupler for triggering
1. High repetitive peak off-state voltage (VDRM : 600V)
2. Non-zero crossing functionality
3. IFT ranks available (see Model Line-up section in this
datasheet)
4. 4pin Mini-flat package
5. Superior noise immunity (dV/dt : MIN. 100V/µs)
6. Lead-free components are also available (see Model
Line-up section in this datasheet)
7. Double transfer mold construction (Ideal for Flow
Soldering)
8. High isolation voltage between input and output
(Viso(rms) : 3.75kV)
∗Zero cross type is also available. (S2S4 Series)
■ Description
S2S3 Series Phototriac Coupler include an infrared
emitting diode (IRED) optically coupled to an output
Phototriac.
These devices feature full wave control and are
ideal isolated drivers for medium to high current Triacs.
SOP package provides 3.75kV isolation from input
to output with superior commutative noise immunity.
1
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
S2S3 Series
Sheet No.: D2-A06501EN
Date Mar. 31. 2004
© SHARP Corporation


Similar Part No. - S2S3L00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S2S3 SHARP-S2S3 Datasheet
28Kb / 2P
Mini-Flat Type Phototriac Coupler
logo
Littelfuse
S2S3 LITTELFUSE-S2S3 Datasheet
199Kb / 12P
Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
S2S3 ETC2-S2S3 Datasheet
205Kb / 12P
RoHS Compliant
S2S3 ETC2-S2S3 Datasheet
205Kb / 12P
RoHS Compliant
More results

Similar Description - S2S3L00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S2S4 SHARP-S2S4 Datasheet
261Kb / 15P
Zero cross type Mini-Flat Package Phototriac Coupler for triggering
S2S5 SHARP-S2S5 Datasheet
237Kb / 14P
Cost effective Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
PC3SD11NTZBF SHARP-PC3SD11NTZBF Datasheet
334Kb / 16P
Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF11YTZBF SHARP-PC3SF11YTZBF Datasheet
295Kb / 15P
Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC2SD11NTZAF SHARP-PC2SD11NTZAF Datasheet
297Kb / 15P
Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD11YXPCF SHARP-PC3SD11YXPCF Datasheet
334Kb / 16P
Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD11NXZBF SHARP-PC3SD11NXZBF Datasheet
334Kb / 16P
Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SG11YIZ SHARP-PC3SG11YIZ Datasheet
221Kb / 13P
Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
PC3SG11YIZ0F SHARP-PC3SG11YIZ0F Datasheet
221Kb / 13P
Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
PC4SD11NTZBF SHARP-PC4SD11NTZBF Datasheet
327Kb / 16P
Non-zero cross type DIP 6pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com