Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4617L-X-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SC4617L-X-AE3-R
Description  GENERAL PURPOSE TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4617L-X-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2SC4617L-X-AE3-R Datasheet HTML 1Page - Unisonic Technologies 2SC4617L-X-AE3-R Datasheet HTML 2Page - Unisonic Technologies 2SC4617L-X-AE3-R Datasheet HTML 3Page - Unisonic Technologies 2SC4617L-X-AE3-R Datasheet HTML 4Page - Unisonic Technologies 2SC4617L-X-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC4617
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R206-081.D
TYPICAL CHARACTERISTICS
0
0.6
1.0 1.2
1.6
50
Grounded Emitter Propagation
Characteristics
20
10
2
0.5
5
1
0.2
0.1
0.2 0.4
0.8
1.4
VCE = 6V
25℃
Ta=100℃
-55℃
Base to Emitter Voltage, VBE (V)
Collector to Emitter Voltage, VCE (V)
80
0
0.8
1.2
1.6
20
100
40
0.4
2.0
60
0
Ta = 25℃
0.40mA
0.35mA
0.30mA
0.25mA
0.20mA
0.15mA
0.10mA
0.05mA
IB = 0A
Grounded Emitter Output Characteristics (I)
0.50mA
0.45mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com