Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4617L-X-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC4617L-X-AE3-R
Description  GENERAL PURPOSE TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4617L-X-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC4617L-X-AE3-R Datasheet HTML 1Page - Unisonic Technologies 2SC4617L-X-AE3-R Datasheet HTML 2Page - Unisonic Technologies 2SC4617L-X-AE3-R Datasheet HTML 3Page - Unisonic Technologies 2SC4617L-X-AE3-R Datasheet HTML 4Page - Unisonic Technologies 2SC4617L-X-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SC4617
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 5
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R206-081.D
GENERAL PURPOSE
TRANSISTOR
FEATURES
* Low Cob
Cob=2.0pF (typ)
* Complements the UTC 2SA1774
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
2SC4617L-x-AE3-R
2SC4617G-x-AE3-R
SOT-23
E
B
C
Tape Reel
2SC4617L-x-AL3-R
2SC4617G-x-AL3-R
SOT-323
E
B
C
Tape Reel
2SC4617L-x-AN3-R
2SC4617G-x-AN3-R
SOT-523
E
B
C
Tape Reel
MARKING
C5X
L: Lead Free
G: Halogen Free


Similar Part No. - 2SC4617L-X-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC4617L-AE3-R UTC-2SC4617L-AE3-R Datasheet
107Kb / 4P
GENERAL PURPOSE TRANSISTOR
More results

Similar Description - 2SC4617L-X-AE3-R

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com