Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1060-X-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SD1060-X-TN3-R
Description  NPN PLANAR SILICON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1060-X-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2SD1060-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SD1060-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SD1060-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2SD1060-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2SD1060-X-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SD1060
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R208-023.C
SWITCHING TIME TEST CIRCUIT
IB1
IN
1
IB2
100
50
1µ
1µ
10
OUT
PW=20µs
tr×tf≤15ns
(For PNP, the polarity is
reversed)
20V
-5V
Unit (resistance: Ω,capacitance: F)
10IB1= -10IB2=IC=2A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com