Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1060-X-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SD1060-X-TN3-R
Description  NPN PLANAR SILICON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1060-X-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SD1060-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SD1060-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SD1060-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2SD1060-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2SD1060-X-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SD1060
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 5
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R208-023.C
NPN PLANAR SILICON
TRANSISTOR
FEATURES
* Low collector-to-emitter saturation voltage:
VCE(SAT)=0.4V max/IC=3A, IB=0.3A
TO-126
1
TO-92
1
1
TO-252
TO-220
1
1
TO-251
SOT-89
1
*Pb-free plating product number: 2SD1060L
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
2SD1060-x-AB3-R
2SD1060L-x-AB3-R
SOT-89
B
C
E
Tape Reel
2SD1060-x-T60-K
2SD1060L-x-T60-K
TO-126
B
C
E
Bulk
2SD1060-x-T92-B
2SD1060L-x-T92-B
TO-92
E
C
B
Tape Box
2SD1060-x-T92-K
2SD1060L-x-T92-K
TO-92
E
C
B
Bulk
2SD1060-x-TA3-T
2SD1060L-x-TA3-T
TO-220
B
C
E
Tube
2SD1060-x-TM3-T
2SD1060L-x-TM3-T
TO-251
B
C
E
Tube
2SD1060-x-TN3-R
2SD1060L-x-TN3-R
TO-252
B
C
E
Tape Reel
2SD1060-x-TN3-T
2SD1060L-x-TN3-T
TO-252
B
C
E
Tube


Similar Part No. - 2SD1060-X-TN3-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1060 SANYO-2SD1060 Datasheet
113Kb / 4P
50V/5A Switching Applications
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Savantic, Inc.
2SD1060 SAVANTIC-2SD1060 Datasheet
140Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1060 JMNIC-2SD1060 Datasheet
133Kb / 4P
Silicon NPN Power Transistors
logo
Sanyo Semicon Device
2SD1060 SANYO-2SD1060 Datasheet
57Kb / 5P
50V / 5A Switching Applications
More results

Similar Description - 2SD1060-X-TN3-R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N3019 SIEMENS-2N3019 Datasheet
135Kb / 5P
NPN SILICON PLANAR TRANSISTOR
BD524 SIEMENS-BD524 Datasheet
40Kb / 2P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
NPN Silicon Transistor Planar Silicon Transistor
logo
Continental Device Indi...
2N917 CDIL-2N917 Datasheet
136Kb / 4P
NPN SILICON PLANAR TRANSISTOR
BF370R CDIL-BF370R Datasheet
106Kb / 3P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
NPN Silicon Transistor, Planar Silicon Transistor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
logo
Continental Device Indi...
2N2270 CDIL-2N2270 Datasheet
230Kb / 4P
NPN SILICON PLANAR TRANSISTOR
2N2102 CDIL-2N2102 Datasheet
233Kb / 4P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com