Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1804-X-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SD1804-X-TN3-R
Description  HIGH CURRENT SWITCHING APPLICATION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1804-X-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SD1804-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SD1804-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SD1804-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2SD1804-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2SD1804-X-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SD1804
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R209-006,D
ABSOLUTE MAXIMUM RATING (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
6
V
Ta=25°C
1
W
Collector Dissipation
TC=25°C
PD
20
W
Collector Current
IC
8
A
Collector Current(PULSE)
IC(PULSE)
12
A
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=10μA, IE=0
60
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=1mA, RBE=∞
50
V
Emitter-Base Breakdown Voltage
BVEBO
IE=10μA, IC=0
6
V
Collector Cutoff Current
ICBO
VCB=40V, IE=0
1
μA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0
1
μA
hFE1
VCE=2V, IC=0.5A
70
400
DC Current Gain
hFE2
VCE=2V, IC=6A
35
Gain-Bandwidth Product
fT
VCE=5V, IC=1A
180
MHz
Output Capacitance
Cob
VCE=10V, f=1MHz
65
pF
Collector-Emitter Saturation Voltage
VCE(SAT) IC=4A, IB=0.2A
200
400
mV
Base-Emitter Saturation Voltage
VBE(SAT)
IC=4A, IB=0.2A
0.95
1.3
V
Storage Time
tSTG
See test circuit
500
ns
Fall Time
tF
See test circuit
20
ns
CLASSIFICATION OF hFE1
RANK
Q
R
S
T
RANGE
70-140
100-200
140-280
200-400



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com