Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1804-X-TN3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 2SD1804-X-TN3-R
Description  HIGH CURRENT SWITCHING APPLICATION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1804-X-TN3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  2SD1804-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SD1804-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SD1804-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2SD1804-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2SD1804-X-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2SD1804
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R209-006,D
TYPICAL CHARACTERISTICS(Cont.)
57
7
5
3
2
100
0.1
0.01
7
5
3
2
1.0
3
2
10
7
2
3
5
7
1000
Ta=-25℃
Ta=75℃
5
3
5
2
57
7
5
3
2
1.0
0.1
0.01
7
5
3
2
1.0
5
3
2
5
7
2
3
5
7
10
Ta=75℃
Ta=25℃
Ta=-25℃
3
710
IC/IB=20
7 10
2
Ic/IB=20
Ta=25℃
Collector Current, IC (A)
VCE(SAT) -IC
Collector Current, IC (A)
VBE(SAT) -IC
60
40
20
0
80
140
120
100
160
16
20
24
No heat sink
PD -Ta
4
8
12
0
7
5
3
2
10
1.0
7
5
3
2
100
0.1
2
3
5
2
3
5
0.01
7
5
3
1.0
10
2
3
5
100ms
Icp
IC
1
2
0.1
7
7
7
2
TC=25℃, One Pulse For
PNP,minus sign is omitted.
10ms
1ms
Colletcor to Emitter Voltage, VCE (V)
A S O
Ambient Temperature, Ta (℃)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com