Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N90G-TQ2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 3N90G-TQ2-R
Description  3 Amps, 900 Volts N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N90G-TQ2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  3N90G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 3N90G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 3N90G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 3N90G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 3N90G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 3N90G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3N90
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-290.A
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage (VGS=0V)
VDSS
900
V
Drain-Gate Voltage (RG=20kΩ)
VDGR
900
V
Gate-Source Voltage
VGSS
±30
V
Gate-Source Breakdown Voltage (IGS=±1mA)
BVGSO
30(MIN)
V
Insulation Withstand Voltage (DC)
TO-220F
VISO
2500
V
Avalanche Current (Note 2)
IAR
3
A
Continuous Drain Current
ID
3
A
Pulsed Drain Current
IDM
10
A
Single Pulse Avalanche Energy (Note 3)
EAS
180
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
TO-220/ TO-263
90
Power Dissipation
TO-220F
PD
25
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note:1.
2.
3.
4.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Pulse width limited by TJ(MAX)
starting TJ=25 °C, ID=IAR, VDD=50V
ISD≦3A, di/dt≦200A/μs, VDD≦BVDSS, TJ≦TJ(MAX).
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
TO-220/ TO-263
62.5
Junction to Ambient
TO-220F
θJA
62.5
°C/W
TO-220/ TO-263
1.38
Junction to Case
TO-220F
θJC
5
°C/W
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250μA
900
V
Drain-Source Leakage Current
IDSS
VDS=900V, VGS=0V
1
μA
Gate-Source Leakage Current
IGSS
VGS=±30V, VDS=0V
±10
μA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250μA
3
3.75 4.5
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=1.5A
4.1
4.8
Ω
Forward Transconductance (Note 1)
gFS
VDS=15V, ID=1.5A
2.1
S
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
590
pF
Output Capacitance
COSS
63
pF
Reverse Transfer Capacitance
CRSS
VDS=25V, VGS=0V, f=1MHz
13
pF
Equivalent Output Capacitance (Note 2)
COSS(EQ)
VGS=0V, VDS=0V~400V
34
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
18
ns
Turn-On Rise Time
tR
VDD=450V, ID=1.5 A, RG=4.7Ω
VGS=10V
7
ns
Turn-Off Delay Time
tD(OFF)
45
ns
Turn-Off Fall Time
tF
VDD=720V, ID=1.5 A, RG=4.7Ω
VGS=10V
18
ns
Total Gate Charge
QG
22.7
nC
Gate-Source Charge
QGS
4.2
nC
Gate-Drain Charge
QDD
VDD=720V, ID=3A, VGS=10V
12
nC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com