Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N90G-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 3N90G-TQ2-R
Description  3 Amps, 900 Volts N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N90G-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  3N90G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 3N90G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 3N90G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 3N90G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 3N90G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 3N90G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3N90
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-290.A
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Diode Forward Voltage(Note 1)
VSD
ISD=3A ,VGS=0V
1.6
V
Source-Drain Current
ISD
3
A
Source-Drain Current (Pulsed)
ISDM
12
A
Reverse Recovery Current
IRRM
8.7
A
Body Diode Reverse Recovery Time
tRR
510
ns
Body Diode Reverse Recovery Charge
QRR
ISD=3A, di/dt=100A/μs,
VDD=100V, TJ=25°C
2.2
nC
Note: 1.Pulse width=300μs, Duty cycle≦1.5%
Note: 2.COSS(EQ) is defined asa constant equivalent capacitance giving the same charging time as COSS when VDS
increases from 0to 80% VDSS.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com