Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6N10G-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 6N10G-TN3-R
Description  6 Amps, 100 Volts N-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N10G-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  6N10G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 6N10G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 6N10G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 6N10G-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6N10
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-486.a
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
100
V
VDS=80V, VGS=0V
1
VDS=80V, VGS=0V, TJ=125°C
50
Drain-Source Leakage Current
IDSS
VDS=80V, VGS=0V, TJ=175°C
250
µA
Forward
VGS=+20V, VDS=0V
+100
nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-20V, VDS=0V
-100
nA
On-State Drain Current (Note 2)
ID(on)
VDS=5V, VGS=10V
8.0
A
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1.0
3.0
V
VGS=10V, ID=3A
0.160 0.200
VGS=10V, ID=3A, TJ=125°C
0.350
VGS=10V, ID=3A, TJ=175°C
0.450
Static Drain-Source On-State Resistance
(Note 2)
RDS(ON)
VGS=4.5, ID=1.0A
0.180 0.225
Ω
Forward Transconductance (Note 2)
gFS
VDS=15V, ID=3A
8.5
S
DYNAMIC PARAMETERS
(Note1)
Input Capacitance
CISS
240
pF
Output Capacitance
COSS
42
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
17
pF
SWITCHING PARAMETERS
Total Gate Charge (Note 3)
QG
2.7
4.0
nC
Gate to Source Charge (Note 3)
QGS
0.6
nC
Gate to Drain Charge (Note 3)
QGD
VDS=50V, VGS=5V, ID=6.5A
0.7
nC
Turn-ON Delay Time (Note3)
tD(ON)
7
11
ns
Rise Time (Note 3)
tR
8
12
ns
Turn-OFF Delay Time (Note 3)
tD(OFF)
8
12
ns
Fall-Time (Note 3)
tF
VDD=50V, RL=7.5Ω, ID≈6.5A,
VGEN=10V, RG=2.5 Ω
9
14
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
(TC=25°C)
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
8.0
A
Drain-Source Diode Forward Voltage (Note 2)
VSD
IF=6.5A, VGS=0V
0.9
1.3
V
Reverse Recovery Time
tRR
IF=6.5A, di/dt=100A/µs
35
60
ns
Notes: 1. Guaranteed by design, not subject to production testing.
2. Pulse test; pulse width ≤300 ≤μs, duty cycle ≤2%.
3. Independent of operating temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com