Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6N10G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 6N10G-TN3-R
Description  6 Amps, 100 Volts N-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N10G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  6N10G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 6N10G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 6N10G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 6N10G-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
6N10
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-486.a
6 Amps, 100 Volts
N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC 6N10 is an N-Channel enhancement mode power FET
providing customers with excellent switching performance and
minimum on-state resistance.
The UTC 6N10 is generally applied in voltage applications, such
as DC motor control, audio amplifier and high efficiency switching
DC/DC converters.
FEATURES
* 6.5A, 100V, RDS(ON) = 0.2Ω @VGS = 10 V
* Fast switching
* Improved dv/dt capability
SYMBOL
TO-252
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
6N10L-TN3-R
6N10G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - 6N10G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N10G-TN3-R UTC-6N10G-TN3-R Datasheet
223Kb / 4P
N-CHANNEL POWER MOSFET
More results

Similar Description - 6N10G-TN3-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP6N50 ONSEMI-NTP6N50 Datasheet
60Kb / 8P
Power MOSFET 6 Amps, 500 Volts N-Channel TO-220
August, 2001 ??Rev. 1
logo
Unisonic Technologies
UF8010 UTC-UF8010 Datasheet
215Kb / 6P
80 Amps, 100 Volts N-CHANNEL POWER MOSFET
6N40 UTC-6N40 Datasheet
169Kb / 6P
6 Amps, 400 Volts N-CHANNEL POWER MOSFET
6N50 UTC-6N50 Datasheet
172Kb / 6P
6 Amps, 500 Volts N-CHANNEL POWER MOSFET
7N10 UTC-7N10 Datasheet
170Kb / 6P
7 Amps, 100 Volts N-CHANNEL POWER MOSFET
UT2N10 UTC-UT2N10 Datasheet
150Kb / 3P
2 Amps,100 Volts N-CHANNEL POWER MOSFET
UT12N10 UTC-UT12N10 Datasheet
150Kb / 4P
12 Amps, 100 Volts N-CHANNEL POWER MOSFET
6N10Z UTC-6N10Z Datasheet
197Kb / 4P
6.5 Amps, 100 Volts N-CHANNEL POWER MOSFET
logo
Chongqing Pingwei Enter...
8N10P CHONGQING-8N10P Datasheet
511Kb / 7P
8 Amps,100 Volts N-CHANNEL Power MOSFET
12N10P CHONGQING-12N10P Datasheet
532Kb / 7P
12 Amps,100 Volts N-CHANNEL Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com