Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78DXXA-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 78DXXA-TN3-R
Description  3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78DXXA-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  78DXXA-TN3-R Datasheet HTML 1Page - Unisonic Technologies 78DXXA-TN3-R Datasheet HTML 2Page - Unisonic Technologies 78DXXA-TN3-R Datasheet HTML 3Page - Unisonic Technologies 78DXXA-TN3-R Datasheet HTML 4Page - Unisonic Technologies 78DXXA-TN3-R Datasheet HTML 5Page - Unisonic Technologies 78DXXA-TN3-R Datasheet HTML 6Page - Unisonic Technologies 78DXXA-TN3-R Datasheet HTML 7Page - Unisonic Technologies 78DXXA-TN3-R Datasheet HTML 8Page - Unisonic Technologies 78DXXA-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
78DxxA
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R101-010,K
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
VOUT =4.7~18V
35
V
Input Voltage
VOUT =20~24V
VIN
40
V
Output Current
IOUT
1
A
Power Dissipation (TC=25°C)
PD
15
W
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are stress ratings only and functional device operation is not implied. The
device could be damaged beyond Absolute maximum ratings.
2. The maximum steady state usable output current are dependent on input voltage, heat sinking, lead
length of the package and copper pattern of PCB. The data are showed as electrical characteristics table
represents pulse test conditions with junction temperatures specified at the initiation of test.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
61.54
°C/W
Junction to Case
θJC
7.48
°C/W
ELECTRICAL CHARACTERISTICS
(TJ=25°C, CI =0.33uF, CO=0.1uF, PD≤15W, unless otherwise specified)
For 78D47A (VIN =9.7V, IOUT =0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
IOUT =5mA~1.0A
4.512
4.70
4.888
V
Output Voltage
VOUT
VIN=7.2~19.7V, IOUT=5mA~1.0A
4.465
4.935
V
IOUT=5mA~1.5A
47
mV
Load Regulation
ΔVOUT
IOUT=0.25A~0.75A
24
mV
VIN =7.2~19.7V
47
mV
Line Regulation
ΔVOUT
VIN =7.2~19.7V, IOUT =1.0A
47
mV
Quiescent Current
IQ
IOUT≤1.0A
8.0
mA
VIN =7.2~19.7V
1.0
mA
Quiescent Current Change
ΔIQ
IOUT =5mA~1.0A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
40
μV
Temperature coefficient of VOUT
ΔVOUT/ΔTIOUT =5mA
-0.6
mV/
°C
Ripple Rejection
RR
VIN =7.7~17.7V,f=120Hz
62
80
dB
Peak Output Current
IPEAK
1.8
A
Short-Circuit Current
ISC
VIN =35V
250
mA
Dropout Voltage
VD
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com