Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78DXXA-TN3-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 78DXXA-TN3-R
Description  3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78DXXA-TN3-R Datasheet(HTML) 6 Page - Unisonic Technologies

  78DXXA-TN3-R Datasheet HTML 1Page - Unisonic Technologies 78DXXA-TN3-R Datasheet HTML 2Page - Unisonic Technologies 78DXXA-TN3-R Datasheet HTML 3Page - Unisonic Technologies 78DXXA-TN3-R Datasheet HTML 4Page - Unisonic Technologies 78DXXA-TN3-R Datasheet HTML 5Page - Unisonic Technologies 78DXXA-TN3-R Datasheet HTML 6Page - Unisonic Technologies 78DXXA-TN3-R Datasheet HTML 7Page - Unisonic Technologies 78DXXA-TN3-R Datasheet HTML 8Page - Unisonic Technologies 78DXXA-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
78DxxA
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R101-010,K
ELECTRICAL CHARACTERISTICS(Cont.)
For 78D08A (VIN =14V, IOUT =0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
IOUT =5mA~1.0A
7.68
8.0
8.32
V
Output Voltage
VOUT
VIN =10.5~23V, IOUT =5mA~1.0A
7.6
8.4
V
IOUT =5mA~1.0A
80
mV
Load Regulation
ΔVOUT
IOUT =0.25A~0.75A
40
mV
VIN =10.5~25V
80
mV
Line Regulation
ΔVOUT
VIN =10.5~23V, IOUT =1.0A
80
mV
Quiescent Current
IQ
IOUT≤1.0A
8.0
mA
VIN =10.5~23V
1.0
mA
Quiescent Current Change
ΔIQ
IOUT =5mA~1.0A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
58
μV
Temperature coefficient of VOUT
ΔVOUT/ΔTIOUT =5mA
-0.9
mV/
°C
Ripple Rejection
RR
VIN =11.5~21.5V,f=120Hz
56
72
dB
Peak Output Current
IPEAK
1.8
A
Short-Circuit Current
ISC
VIN =35V
250
mA
Dropout Voltage
VD
2.0
V
For 78D09A (VIN =15V, IOUT =0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
IOUT =5mA~1.0A
8.64
9.0
9.36
V
Output Voltage
VOUT
VIN =11.5~24V, IOUT =5mA~1.0A
8.55
9.45
V
IOUT =5mA~1.0A
90
mV
Load Regulation
ΔVOUT
IOUT =0.25A~0.75A
45
mV
VIN =11.5~25V
90
mV
Line Regulation
ΔVOUT
VIN =11.5~24V, IOUT =1.0A
90
mV
Quiescent Current
IQ
IOUT≤1.0A
8.0
mA
VIN =11.5~24V
1.0
mA
Quiescent Current Change
ΔIQ
IOUT =5mA~1.0A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
58
μV
Temperature coefficient of VOUT
ΔVOUT/ΔTIOUT =5mA
-1.1
mV/
°C
Ripple Rejection
RR
VIN =12.5~22.5V,f=120Hz
56
72
dB
Peak Output Current
IPEAK
1.8
A
Short-Circuit Current
ISC
VIN =35V
250
mA
Dropout Voltage
VD
2.0
V
For 78D10A (VIN =16V, IOUT =0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
IOUT =5mA~1.0A
9.60
10.0 10.40
V
Output Voltage
VOUT
VIN =12.5~25V, IOUT =5mA~1.0A
9.5
10.5
V
IOUT =5mA~1.0A
100
mV
Load Regulation
ΔVOUT
IOUT =0.25A~0.75A
50
mV
VIN =13~25V
100
mV
Line Regulation
ΔVOUT
VIN =13~25V, IOUT =1.0A
100
mV
Quiescent Current
IQ
IOUT≤1.0A
8.0
mA
VIN =12.6V~25V
1.0
mA
Quiescent Current Change
ΔIQ
IOUT =5mA~1.0A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
58
μV
Temperature coefficient of VOUT
ΔVOUT/ΔTIOUT =5mA
-1.1
mV/
°C
Ripple Rejection
RR
VIN =13~23V,f=120Hz
56
72
dB
Peak Output Current
IPEAK
1.8
A
Short-Circuit Current
ISC
VIN =35V
250
mA
Dropout Voltage
VD
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com