Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78LXXM-T92-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 78LXXM-T92-R
Description  3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78LXXM-T92-R Datasheet(HTML) 3 Page - Unisonic Technologies

  78LXXM-T92-R Datasheet HTML 1Page - Unisonic Technologies 78LXXM-T92-R Datasheet HTML 2Page - Unisonic Technologies 78LXXM-T92-R Datasheet HTML 3Page - Unisonic Technologies 78LXXM-T92-R Datasheet HTML 4Page - Unisonic Technologies 78LXXM-T92-R Datasheet HTML 5Page - Unisonic Technologies 78LXXM-T92-R Datasheet HTML 6Page - Unisonic Technologies 78LXXM-T92-R Datasheet HTML 7Page - Unisonic Technologies 78LXXM-T92-R Datasheet HTML 8Page - Unisonic Technologies 78LXXM-T92-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
78LXXM
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 10
www.unisonic.com.tw
QW-R101-002,H
ABSOLUTE MAXIMUM RATINGS
(Operating temperature range applies unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
VOUT=5~9V
30
V
Input Voltage
VOUT=12~24V
VIN
35
V
Output Current
IOUT
200
mA
SOP-8
500
mW
TO-92
625
mW
TO-92L
800
mW
TO-92NL
800
mW
SOT-89
500
mW
Power Dissipation
SOT-223
PD
750
mW
Ambient Operating Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-55~+150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(0
°C <T
J<125°C, C1=0.33uF, Co=0.1uF, unless otherwise specified)(Note 1)
For UTC78L05M (VIN=10V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
4.80
5.0
5.20
V
7V≦VIN≦20V,IOUT=1mA – 40mA
4.75
5.25
V
Output Voltage
VOUT
7V≦VIN≦VMAX
IOUT=1mA-200mA
4.75
5.25
V
(note 2)
TJ=25°C,IOUT=1mA - 100mA
11
60
mV
Load Regulation
ΔV
OUT
TJ=25°C,IOUT=1mA - 40mA
5.0
30
mV
7V≦VIN≦20V,TJ=25°C
8
150
mV
Line Regulation
ΔV
OUT
8V≦VIN≦20V,TJ=25°C
6
100
mV
Quiescent Current
IQ
2.0
5.5
mA
ΔI
Q
8V≦VIN≦20V
1.5
mA
Quiescent Current Change
1mA≦VIN≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
40
uV
Temperature Coefficient of VOUT
ΔVo/ΔTI
OUT=5mA
-0.65
mV/
°C
Ripple Rejection
RR
8V≦VIN≦20V,f=120Hz,TJ=25°C
41
80
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For UTC78L06M (VIN=12V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
5.76
6.0
6.24
V
8.5V≦VIN≦20V,IOUT=1mA - 40mA
5.7
6.3
V
Output Voltage
VOUT
8.5V≦VIN≦VMAX,
IOUT=1mA - 200mA
5.7
6.3
V
(note 2)
TJ=25°C,IOUT=1mA - 100mA
12.8
80
mV
Load Regulation
Δ V
OUT
TJ=25°C,IOUT=1mA - 70mA
5.8
40
mV
8.5V≦VIN≦20V,TJ=25°C
64
175
mV
Line Regulation
Δ V
OUT
9V≦VIN≦20V,TJ=25°C
54
125
mV
Quiescent Current
IQ
3.9
6.0
mA
9V≦VIN≦20V
1.5
mA
Quiescent Current Change
ΔI
Q
1mA≦VIN≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
49
uV
Temperature Coefficient of VOUT
ΔVo/ΔTI
OUT=5mA
0.75
mV/
°C
Ripple Rejection
RR
10V≦VIN≦20V,f=120Hz,TJ=25°C
40
46
dB
Dropout Voltage
VD
TJ=25°C
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com