Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78LXXM-T92-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 78LXXM-T92-R
Description  3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78LXXM-T92-R Datasheet(HTML) 1 Page - Unisonic Technologies

  78LXXM-T92-R Datasheet HTML 1Page - Unisonic Technologies 78LXXM-T92-R Datasheet HTML 2Page - Unisonic Technologies 78LXXM-T92-R Datasheet HTML 3Page - Unisonic Technologies 78LXXM-T92-R Datasheet HTML 4Page - Unisonic Technologies 78LXXM-T92-R Datasheet HTML 5Page - Unisonic Technologies 78LXXM-T92-R Datasheet HTML 6Page - Unisonic Technologies 78LXXM-T92-R Datasheet HTML 7Page - Unisonic Technologies 78LXXM-T92-R Datasheet HTML 8Page - Unisonic Technologies 78LXXM-T92-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
78LXXM
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 10
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R101-002,H
3-TERMINAL 0.2A POSITIVE
VOLTAGE REGULATOR
DESCRIPTION
The UTC 78LXXM family is monolithic fixed voltage regulator
integrated circuit. They are suitable for applications that required
supply current up to 200mA.
FEATURES
*Output Current up to 200mA
*Fixed Output Voltage of 5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V
and 24V Available
*Thermal Overload Shutdown Protection
*Short Circuit Current Limiting
TO-92
1
SOP-8
1
TO-92NL
SOT-89
1
SOT-223
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free
Halogen Free
1
2
3
4
5
6
7
8
Package
Packing
78LxxM-S08-R
78LxxML-S08-R
78LxxMG-S08-R
OG G NC NC GG
I
SOP-8
Tape Reel
78LxxM-AA3-R
78LxxML-AA3-R
78LxxMG-AA3-R
O G
I
-
-
-
-
-
SOT-223
Tape Reel
78LxxM-AB3-R
78LxxML-AB3-R
78LxxMG-AB3-R
O G
I
-
-
-
-
-
SOT-89
Tape Reel
78LxxM-T92-B
78LxxML-T92-B
78LxxMG-T92-B
O G
I
---
--
TO-92
Tape Box
78LxxM-T92-K
78LxxML-T92-K
78LxxMG-T92-K
O G
I
---
--
TO-92
Bulk
78LxxM-T92-R
78LxxML-T92-R
78LxxMG-T92-R
O G
I
---
--
TO-92
Tape Reel
78LxxM-T9N-B
78LxxML-T9N-B
78LxxMG-T9N-B
O G
I
---
--
TO-92NL
Tape Box
78LxxM-T9N-K
78LxxML-T9N-K
78LxxMG-T9N-K
O G
I
---
--
TO-92NL
Bulk
78LxxM-T9N-R
78LxxML-T9N-R
78LxxMG-T9N-R
O G
I
---
--
TO-92NL
Tape Reel
Note: 1. xx: Output Voltage, refer to Marking Information
2. O: Output
G: GND
I: Input


Similar Part No. - 78LXXM-T92-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78LXXM UTC-78LXXM Datasheet
99Kb / 8P
LINEAR INTEGRATED CIRCUIT
78LXXM UTC-78LXXM Datasheet
322Kb / 10P
3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78LXXM ETL-78LXXM Datasheet
330Kb / 9P
3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78LXXM UTC-78LXXM Datasheet
204Kb / 8P
3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
78LXXMG-AA3-R UTC-78LXXMG-AA3-R Datasheet
322Kb / 10P
3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78LXXM-T92-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S78L05 SECOS-S78L05 Datasheet
310Kb / 2P
3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST78L05 SEMTECH_ELEC-ST78L05 Datasheet
201Kb / 2P
3-Terminal positive voltage regulator
logo
Cystech Electonics Corp...
LM7812XJ3 CYSTEKEC-LM7812XJ3 Datasheet
112Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78LXXM UTC-78LXXM_12 Datasheet
322Kb / 10P
3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78LXXM ETL-78LXXM Datasheet
330Kb / 9P
3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78LXXM UTC-78LXXM_15 Datasheet
280Kb / 8P
3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
78LXXM UTC-78LXXM_17 Datasheet
204Kb / 8P
3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
78LXXM UTC-78LXXM_V01 Datasheet
271Kb / 8P
3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com