Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83CXXXG-AD4-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 83CXXXG-AD4-R
Description  4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

83CXXXG-AD4-R Datasheet(HTML) 2 Page - Unisonic Technologies

  83CXXXG-AD4-R Datasheet HTML 1Page - Unisonic Technologies 83CXXXG-AD4-R Datasheet HTML 2Page - Unisonic Technologies 83CXXXG-AD4-R Datasheet HTML 3Page - Unisonic Technologies 83CXXXG-AD4-R Datasheet HTML 4Page - Unisonic Technologies 83CXXXG-AD4-R Datasheet HTML 5Page - Unisonic Technologies 83CXXXG-AD4-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
83CXXX
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-353.a
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-143
B: 2.93V
C: 3.08V
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO
PIN NAME
DESCRIPTION
1
GND
Ground
2
RESET
RESET output remains low while VCC is below the reset threshold, and for at least
140ms after VCC rises above the reset threshold.
3
MR
Manual reset input. A logic low on
MR asserts reset. Reset remains asserted as
long as MR is low and for at least 140ms after MR returns high, This active-low
input has an internal 20kΩ pull-up resistor. It can be driven from a TTL or
CMOS-logic line, or shorted to ground with a switch. Leave open if unused.
4
VCC
Supply voltage (+5V, +3.3V, +3.0V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com