Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83CXXXG-AD4-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 83CXXXG-AD4-R
Description  4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

83CXXXG-AD4-R Datasheet(HTML) 5 Page - Unisonic Technologies

  83CXXXG-AD4-R Datasheet HTML 1Page - Unisonic Technologies 83CXXXG-AD4-R Datasheet HTML 2Page - Unisonic Technologies 83CXXXG-AD4-R Datasheet HTML 3Page - Unisonic Technologies 83CXXXG-AD4-R Datasheet HTML 4Page - Unisonic Technologies 83CXXXG-AD4-R Datasheet HTML 5Page - Unisonic Technologies 83CXXXG-AD4-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
83CXXX
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-353.a
APPLICATION INFORMATION
1. Ensuring a Valid Reset Output Down to VCC = 0
The UTC 83CXXX RESET output no more sinks current when VCC drops below 1V—it becomes an open
circuit. Therefore, high-impedance CMOS logic input connected to RESET can drift to undetermined voltages. This
presents no problem in most applications since most microprocessors and other circuitry can’t be operated when VCC
is under 1V. In figure 1, however, in applications where RESET must be valid down to 0V. In order to causes any
stray leakage currents to flow to ground, adding a pull-down resistor to RESET , that holding RESET low. (R1’s
value is not critical and the value 100kΩ is large enough not to load RESET and small enough to pull RESET to
ground).
2. Benefits of Highly Accurate Reset Threshold
Most microprocessor supervisor ICs has reset threshold voltages between 5% and 10% below the value of
nominal supply voltages. If using ICs rated at only the nominal supply ±5%, this leaves an uncertainty zone where
the supply is between 5% and 10% low and where the reset may or may not be asserted.
The UTC 83C308 with high accuracy ensure that the reset is asserted closely to 5% limit and long before the
supply has declined to 10% below nominal.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com