Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3513 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 3513
Description  PC POWER SUPPLY SUPERVISOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3513 Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button 3513 Datasheet HTML 3Page - Unisonic Technologies 3513 Datasheet HTML 4Page - Unisonic Technologies 3513 Datasheet HTML 5Page - Unisonic Technologies 3513 Datasheet HTML 6Page - Unisonic Technologies 3513 Datasheet HTML 7Page - Unisonic Technologies 3513 Datasheet HTML 8Page - Unisonic Technologies 3513 Datasheet HTML 9Page - Unisonic Technologies 3513 Datasheet HTML 10Page - Unisonic Technologies 3513 Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
3513
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 12
www.unisonic.com.tw
QW-R502-129.A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.3 ~ 16
V
VS5,VS33
-0.3 ~ 7
V
VS12A, VS12B
-0.3 ~ 16
V
IS12A, IS12B, IS5, IS33
-0.3 ~ V12A+0.3
V
Input Voltage
PSONB, PGI, OTP
VIN
-0.3 ~ 7
V
FPOB
-0.3 ~ VDD+0.3
V
Output Voltage
PGO
VOUT
-0.3 ~ VDD+0.3
V
Operating Temperature
TOPR
-40 ~ +125
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Stress above those listed may cause permanent damage to the devices.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
4
12
15
V
VS5,VS33
7
V
VS12A, VS12B
15
V
IS12A, IS12B, IS5, IS33
15
V
Input Voltage
PSONB, PGI,OTP
VIN
7
V
FPOB
7
V
Output Voltage
PGO
VOUT
7
V
FPOB
30
mA
Output Sink Current
PGO
IO(SINK)
10
mA
RI Output Current
IO(RI)
10
65
uA
Supply Voltage Rising Time (VDD)
tR
1
ms
ELECTRICAL CHARACTERISTICS (Ta=25℃ and V
DD=5V and V12A=12V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Over Voltage Detection
V12A, V12B
13.2
13.8
14.4
V
V5
5.7
5.95
6.2
V
Over Voltage Threshold
V33
3.7
3.9
4.1
V
@ ISINK=10mA
0.3
Low Level Output Voltage (FPOB)
VOL
@ ISINK=30mA
0.7
V
Output Leakage Current (FPOB)
ILEAK
@ V(FPOB)=5V
5
uA
PSONB
High-Level Input Voltage
VIH
2
V
Low-Level Input Voltage
VIL
0.8
V
Input Pull-up Current
IIN
@ PSONB=0V
100
uA
PGI and PGO
V12A, V12B
9.5
9.90
10.5
V
V5
4.15
4.30
4.45
V
Under Voltage Threshold
V33
2.54
2.68
2.82
V
Input Threshold Voltage (PGI)
VI(THD)
1.16
1.20
1.24
V
Low Level Output Voltage (PGO)
VOL
@ ISINK=10mA
0.4
V
Output Leakage current (PGO)
ILEAK
@ PGO=5V
5
uA
OTP/FC
High-Level Input Voltage (OTP)
VIH
3513E/3513F
3.10
3.25
3.40
V
Low-Level Input Voltage (OTP)
VIL
2.30
2.45
2.60
V
Start-up Voltage (FC)
0.7
0.8
0.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com