Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3513 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 3513
Description  PC POWER SUPPLY SUPERVISOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3513 Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button 3513 Datasheet HTML 4Page - Unisonic Technologies 3513 Datasheet HTML 5Page - Unisonic Technologies 3513 Datasheet HTML 6Page - Unisonic Technologies 3513 Datasheet HTML 7Page - Unisonic Technologies 3513 Datasheet HTML 8Page - Unisonic Technologies 3513 Datasheet HTML 9Page - Unisonic Technologies 3513 Datasheet HTML 10Page - Unisonic Technologies 3513 Datasheet HTML 11Page - Unisonic Technologies 3513 Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
3513
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 12
www.unisonic.com.tw
QW-R502-129.A
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Stop Voltage (FC)
0.55
0.65
0.75
V
PWM
High Level Output Voltage
VOH
@ ISOURCE=4.5mA
V12A-0.4
V
Low Level Output Voltage
VOL
@ ISINK=4.5mA
0.4
V
Output Leakage Current
ILEAK
5
µA
PWM Frequency
fPWM
28
35
42
KHz
SWITCHING CHARACTERISTICS
PSONB ON(PSONB Low to FPOB
Low)
T(PSONB ON) @ VDD=5V
32
38
62
ms
PSONB OFF(PSONB Hi to PGO
Low)
T(PSONB OFF) @ VDD=5V
32
38
62
ms
PGI to PGO Delay Time
TPG
@
VDD=5V
200
300
490
ms
Timing PGO Low to FPO high
TPSOFF
@
VDD=5V
2.0
2.4
4
ms
TUVP1
@ FPOB=Low & PGI > 1.2V
65
75
122
ms
UVD/OCD turn on delay Time
TUVP2
@ FPOB=Low & PGI < 1.2V
260
300
488
ms
Noise Deglitch Time
tg1
63
75
120
µs
Noise Deglitch Time for Latch
tg2
63
75
120
µs
TOTAL DEVICE
Low Voltage
VDD
3.6
V
Supply Current
IDD
@ PSONB=5V
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com