Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75185L-P20-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 75185L-P20-R
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75185L-P20-R Datasheet(HTML) 3 Page - Unisonic Technologies

  75185L-P20-R Datasheet HTML 1Page - Unisonic Technologies 75185L-P20-R Datasheet HTML 2Page - Unisonic Technologies 75185L-P20-R Datasheet HTML 3Page - Unisonic Technologies 75185L-P20-R Datasheet HTML 4Page - Unisonic Technologies 75185L-P20-R Datasheet HTML 5Page - Unisonic Technologies 75185L-P20-R Datasheet HTML 6Page - Unisonic Technologies 75185L-P20-R Datasheet HTML 7Page - Unisonic Technologies 75185L-P20-R Datasheet HTML 8Page - Unisonic Technologies 75185L-P20-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
75185
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 10
www.unisonic.com.tw
QW-R113-003,F
ABSOLUTE MAXIMUM RATINGS OVER OPERATING FREE-AIR TEMPERATURE
RANGE (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
VDD
15
V
VSS
-15
V
Supply Voltage (Note 1)
VCC
10
V
Drive
-15 ~ 7
V
Input Voltage Range
Receiver
VIN
-30 ~ 30
V
Driver Output Voltage Range
VOUT
-15~ 15
V
Receiver Low Level Output Current
IOUT
20
mA
Storage Temperature Range
TSTG
-65 ~ +150
°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
DIP-20
70
SOP-20
100
SSOP-20
115
Junction to Ambient
TSSOP-20
θJA
115
°C/W
Note 1: All voltage are with respect to the network ground terminal.
Note 2: The package thermal impedance is calculated in accordance with JESD 51, except for through-hole
packages, which use a trace length of zero.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
VDD
7.5
9
15
V
VSS
-7.5
-9
-15
V
Supply Voltage
VCC
4.5
5
5.5
V
High Level
VIH
1.9
V
Input Voltage (Driver Only)
Low Level
VIL
0.8
V
Drive
-6.0
mA
High Level Output Current
Receiver
IOH
-0.5
Drive
6
mA
Low Level Output Current
Receiver
IOL
16
Operating Free-Air Temperature
TA
0
70
°C
SUPPLY CURRENTS
TEST CONDITIONS
PARAMETER
SYMBOL
VDD
VSS
MIN
MAX
UNIT
9
-9
15
12
-12
19
mA
No load.
All inputs at 1.9V
15
-15
25
9
-9
4.5
12
-12
5.5
Supply Current From VDD
IDD
No load.
All inputs at 0.8V
15
-15
9
mA
9
-9
-15
12
-12
-19
No load.
All inputs at 1.9V
15
-15
-25
mA
9
-9
-3.2
12
-12
-3.2
Supply Current From VSS
ISS
No load.
All inputs at 0.8V
15
-15
-3.2
mA
Supply Current From VCC
ICC
No load. All inputs at 5V, VCC=5V
30
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com