Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75185L-P20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 75185L-P20-R
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75185L-P20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  75185L-P20-R Datasheet HTML 1Page - Unisonic Technologies 75185L-P20-R Datasheet HTML 2Page - Unisonic Technologies 75185L-P20-R Datasheet HTML 3Page - Unisonic Technologies 75185L-P20-R Datasheet HTML 4Page - Unisonic Technologies 75185L-P20-R Datasheet HTML 5Page - Unisonic Technologies 75185L-P20-R Datasheet HTML 6Page - Unisonic Technologies 75185L-P20-R Datasheet HTML 7Page - Unisonic Technologies 75185L-P20-R Datasheet HTML 8Page - Unisonic Technologies 75185L-P20-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
75185
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 10
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R113-003,F
MULTIPLE RS-232 DRIVERS
AND RECEIVERS
DESCRIPTION
The UTC 75185 complies with the requirements of the
TIA/EIA232-F and ITU (formerly CCITT) v.28 standards. These
standards are for data interchange between a host computer and
peripheral at signaling rates up to 20kbit/s. The switching speeds of
the UTC 75185 are fast enough to support rates up to 120kbite/s
with lower capacitive loads (shorter cables). Interoperability at the
higher signaling rates cannot be assured unless the designer has
design control of the cable and the interface circuits at both ends.
For interoperability at signaling rates to 120kbit/s, use of
ITA/EIA-423-B (ITU v.10) and TIA/EIA-422-B (ITU v.11) standards
are recommended.
SOP-20
DIP-20
TSSOP-20
SSOP-20
FEATURES
*Single Chip with Easy Interface between UART and Serial-Port connector of PC.
*Three Drivers and five Receivers Meet or Exceed the Requirements of TIA/EIA-232-F and ITU v.28 Standards.
*Designed to Support Data Rates up to 120 kbps
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Halogen Free
Package
Packing
75185-D20-T
75185L-D20-T
75185G-D20-T
DIP-20
Tube
75185-P20-R
75185L-P20-R
75185G-P20-R
TSSOP-20
Tape Reel
75185-R20-R
75185L-R20-R
75185G-R20-R
SSOP-20
Tape Reel
75185-S20-R
75185L-S20-R
75185G-S20-R
SOP-20
Tape Reel


Similar Part No. - 75185L-P20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
75185L-D20-T UTC-75185L-D20-T Datasheet
378Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results

Similar Description - 75185L-P20-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
Dec-2002
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196 TI-SN75196 Datasheet
189Kb / 12P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
Multiple RS-232 drivers and receivers
01-Jun-2006
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185C STMICROELECTRONICS-ST75185C Datasheet
798Kb / 22P
Multiple RS-232 drivers and receivers
19-Dec-2007
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com