Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC558 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BC558
Description  SWITCHING AND AMPLIFIER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC558 Datasheet(HTML) 2 Page - Unisonic Technologies

  BC558 Datasheet HTML 1Page - Unisonic Technologies BC558 Datasheet HTML 2Page - Unisonic Technologies BC558 Datasheet HTML 3Page - Unisonic Technologies BC558 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC556/557/558
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R201-051.C
ABSOLUTE MAXIMUM RATING (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
BC556
-80
V
BC557
-50
V
Collector-Base Voltage
BC558
VCBO
-30
V
BC556
-65
V
BC557
-45
V
Collector-Emitter Voltage
BC558
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current (DC)
IC
-100
mA
Power Collector Dissipation
625
mW
Linear Derating Factor above (Ta=25°C)
PC
5
mW/°C
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
200
°C/W
Junction to Case
θJc
83.3
°C/W
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
BC556
-65
V
BC557
-45
V
Collector-Emitter Breakdown Voltage
BC558
BVCEO IC=-10mA, IB=0
-30
V
BC556
-80
V
BC557
-50
V
Collector-Base Breakdown Voltage
BC558
BVCBO IC=-100μA
-30
V
Emitter-Base Breakdown Voltage
BVEBO IE=-10μA, IC=0
-5.0
V
Collector Cut-Off Current
ICBO
IE = 0, VCB =-30 V
-15
nA
DC Current Gain
hFE
VCE =-5V, IC=2mA
110
800
IC =-10mA, IB=-0.5mA
-90
-300
mV
Collector-Emitter Saturation Voltage
VCE(SAT)
IC =-100mA, IB=-5mA
-250 -650
mV
IC =-10mA, IB =-0.5mA
-700
mV
Base-Emitter Saturation Voltage
VBE(SAT)
IC =-100mA, IB=-5mA
-900
mV
VCE =-5 V,IC=-2mA
-600 -660 -750
mV
Base-Emitter Turn-On Voltage
VBE(ON)
VCE =-5 V,IC=-10mA
-800
mV
Current Gain Bandwidth Product
fT
VCE=-5V, IC=-10mA, f =10MHz
150
MHz
Output Capacitance
COB
VCB=-10V, IE=0, f=1MHz
6
pF
Noise Figure
NF
VCE=-5V, IC=-200μA
f=1KHz, RG=2KΩ
2
10
dB
CLASSIFICATION OF hFE
RANK
A
B
C
hFE
110 - 220
200 - 450
420 - 800



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com