Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC558 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BC558
Description  SWITCHING AND AMPLIFIER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC558 Datasheet(HTML) 1 Page - Unisonic Technologies

  BC558 Datasheet HTML 1Page - Unisonic Technologies BC558 Datasheet HTML 2Page - Unisonic Technologies BC558 Datasheet HTML 3Page - Unisonic Technologies BC558 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BC556/557/558
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R201-051.C
SWITCHING AND AMPLIFIER
APPLICATIONS
FEATURES
* High Voltage: BC556, VCEO=-65V
TO-92
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free Plating
Halogen Free
Package
1
2
3
Packing
BC556-x-T92-B
BC556L-x-T92-B
BC556G-x-T92-B
TO-92
C
B
E
Tape Box
BC556-x-T92-K
BC556L-x-T92-K
BC556G-x-T92-K
TO-92
C
B
E
Bulk
BC557-x-T92-B
BC557L-x-T92-B
BC557G-x-T92-B
TO-92
C
B
E
Tape Box
BC557-x-T92-K
BC557L-x-T92-K
BC557G-x-T92-K
TO-92
C
B
E
Bulk
BC558-x-T92-B
BC558L-x-T92-B
BC558G-x-T92-B
TO-92
C
B
E
Tape Box
BC558-x-T92-K
BC558L-x-T92-K
BC558G-x-T92-K
TO-92
C
B
E
Bulk


Similar Part No. - BC558

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
BC558 SEMTECH-BC558 Datasheet
370Kb / 5P
PNP Silicon Epitaxial Planar Transistor for switching and AF applications???
logo
Siemens Semiconductor G...
BC558 SIEMENS-BC558 Datasheet
213Kb / 6P
PNP SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
BC558 BOCA-BC558 Datasheet
58Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
General Semiconductor
BC558 GE-BC558 Datasheet
253Kb / 6P
Small Signal Transistors (PNP)
logo
KEC(Korea Electronics)
BC558 KEC-BC558 Datasheet
279Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results

Similar Description - BC558

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC337 FAIRCHILD-BC337 Datasheet
27Kb / 3P
SWITCHING AND AMPLIFIER APPLICATIONS
BC807 FAIRCHILD-BC807 Datasheet
72Kb / 6P
Switching and Amplifier Applications
logo
Unisonic Technologies
BC546 UTC-BC546 Datasheet
108Kb / 4P
SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
MPS651 FAIRCHILD-MPS651 Datasheet
57Kb / 3P
Switching and Amplifier Applications
logo
Unisonic Technologies
BC807 UTC-BC807_09 Datasheet
201Kb / 4P
SWITCHING AND AMPLIFIER APPLICATIONS
BC337 UTC-BC337_11 Datasheet
148Kb / 3P
SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC636 FAIRCHILD-BC636_09 Datasheet
111Kb / 5P
Switching and Amplifier Applications
BC337.25 FAIRCHILD-BC337.25 Datasheet
33Kb / 3P
Switching and Amplifier Applications
BC33716 FAIRCHILD-BC33716 Datasheet
33Kb / 3P
Switching and Amplifier Applications
logo
New Jersey Semi-Conduct...
BC237 NJSEMI-BC237 Datasheet
115Kb / 2P
Switching and Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com