Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT151G-5-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BT151G-5-TN3-R
Description  SCRS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BT151G-5-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  BT151G-5-TN3-R Datasheet HTML 1Page - Unisonic Technologies BT151G-5-TN3-R Datasheet HTML 2Page - Unisonic Technologies BT151G-5-TN3-R Datasheet HTML 3Page - Unisonic Technologies BT151G-5-TN3-R Datasheet HTML 4Page - Unisonic Technologies BT151G-5-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BT151
SCR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R301-017,C
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
BT151-5
500 (Note 1)
BT151-6
650 (Note 1)
Repetitive Peak Off-State Voltages
BT151-8
VDRM, VRRM
800
V
Average On-State Current (half sine wave; Tmb ≤109°C)
IT(AV)
7.5
A
RMS on-State Current (all conduction angles)
IT(RMS)
12
A
t = 10 ms
100
Non-Repetitive Peak On-State Current
(half sine wave; TJ = 25 °C prior to surge)
t = 8.3 ms
ITSM
110
A
I
2t for Fusing (t = 10 ms)
I
2t
50
A
2s
Repetitive Rate of Rise of On-State Current After Triggering
(ITM = 20 A; IG = 50 mA; dIG /dt = 50 mA/μs)
dIT /dt
50
A/μs
Peak Gate Current
IGM
2
A
Peak Gate Voltage
VGM
5
V
Peak Reverse Gate Voltage
VRGM
5
V
Peak Gate Power
PGM
5
W
Average Gate Power (Over any 20 ms period)
PG(AV)
0.5
W
Storage Temperature
Tstg
-40 ~150
°C
Operating Junction Temperature
TJ
125
°C
Note: 1. Although not recommended, off-state voltages up to 800V may be applied without damage, but the thyristor
may switch to the on-state. The rate of rise of current should not exceed 15A/
μs.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Mounting Base
θJMb
1.3
K/W
Junction to Ambient
θJA
60
K/W
STATIC CHARACTERISTICS (TJ=25℃,unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Gate Trigger Current
IGT
VD = 12 V, IT = 0.1 A
2
15
mA
Latching Current
IL
VD = 12 V, IGT = 0.1 A
10
40
mA
Holding Current
IH
VD = 12 V, IGT = 0.1 A
7
20
mA
On-State Voltage
VT
IT = 23 A
1.4
1.75
V
Gate Trigger Voltage
VGT
VD = 12 V, IT = 0.1 A
VD = VDRM(max) , IT = 0.1 A, TJ = 125 °C
0.25
0.6
0.4
1.5
V
Off-State Leakage Current
ID , IR
VD = VDRM(max) , VR = VRRM(max) ,TJ = 125°C
0.1
0.5
mA
DYNAMIC CHARACTERISTICS(TJ=25℃,unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNIT
Gate open circuit
50
130
Critical Rate of Rise of
Off-State Voltage
dVD /dt
VDM = 67% VDRM(max),
TJ = 125 °C,
exponential waveform; RGK = 100Ω
200
1000
V/μs
Gate Controlled Turn-on
Time
tGT
ITM = 40 A, VD = VDRM(max), IG = 0.1 A,
dIG /dt = 5 A/μs
2
μs
Circuit Commutated
Turn-off tIme
tQ
VD = 67% VDRM(max), TJ = 125°C;
ITM = 20 A, VR = 25 V, dITM /dt = 30 A/μs,
dVD /dt = 50 V/μs, RGK = 100 Ω
70
μs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com