Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT151G-5-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # BT151G-5-TN3-R
Description  SCRS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BT151G-5-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  BT151G-5-TN3-R Datasheet HTML 1Page - Unisonic Technologies BT151G-5-TN3-R Datasheet HTML 2Page - Unisonic Technologies BT151G-5-TN3-R Datasheet HTML 3Page - Unisonic Technologies BT151G-5-TN3-R Datasheet HTML 4Page - Unisonic Technologies BT151G-5-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BT151
SCR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R301-017,C
TYPICAL CHARACTERISTICS (Cont.)
100
150
-50
50
0
3
1
TJ/°C
2
2.5
1.5
0.5
0
Fig 7. Normalised Gate Trigger Current IGT(TJ)/
IGT(25°C), Versus Junction Temperature TJ
IGT(25°C)
IGT(TJ)
100
150
-50
50
0
3
1
TJ/°C
2
2.5
1.5
0.5
0
IL(25°C)
IL(TJ)
Fig 8. Normalised Latching Current
IL(TJ)/IL(25°C),
Versus Junction Temperature TJ
VT/V
100
150
-50
50
0
3
1
TJ/°C
2
2.5
1.5
0.5
0
Fig 9. Normalised Holding Current IH(TJ)/IH(25 ),
Versus Junction Temperature TJ
IH(25°C)
IH(TJ)
TJ=125°C
0
5
10
15
20
25
00.5
1
1.5
Fig 10. Typical and Maximum On-State
Characteristic
TJ=25°C
typ
max
2
30 IT/A
1ms
0.1ms
10us
0.1
tp/s
0.001
0.01
10ms 0.1s
Zth j-mb(K/W)
1s
10s
1
10
tp
t
PD
100
150
50
0
10000
TJ/°C
1000
10
Fig 12. Typical, Critical Rate Of Rise
Of Off-State Voltage, dVD/dt Versus
Junction Temperature TJ
dVD/dt(V/µs)
RGK=100Ω
100
gate open circuit
Fig 11.Transient Thermal Impedance Zthj-mb,
Versus Pulse Width tp



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com