Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA22241G-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # KA22241G-S14-R
Description  DUAL EQUALIZER AMPLIFIER WITH ALC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

KA22241G-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  KA22241G-S14-R Datasheet HTML 1Page - Unisonic Technologies KA22241G-S14-R Datasheet HTML 2Page - Unisonic Technologies KA22241G-S14-R Datasheet HTML 3Page - Unisonic Technologies KA22241G-S14-R Datasheet HTML 4Page - Unisonic Technologies KA22241G-S14-R Datasheet HTML 5Page - Unisonic Technologies KA22241G-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KA22241
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R110-001,C
ABSOLUTE MAXIMUM RATING (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
16
V
SIP-9
550
Power Dissipation
SOP-14
PD
450
mW
Operating Temperature
TOPR
-20 ~ 75
°C
Storage Temperature
TSTG
-20 ~ 125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C, VCC=7V, f=1KHZ, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Noise Voltage
VIN
RG=2.2KΩ
BW(-3dB)=20HZ~20KHZ
1.0
2.0
μV
Output Voltage
VOUT
THD=1%
0.6
1.2
V
Quiescent Circuit Current
ICCQ
VIN=0
1.5
3.5
4.5
mA
Open Loop Voltage Gain
GVO
VOUT=0.3V
70
80
dB
Closed Loop Voltage Gain
GVC
VOUT=0.3V
45
48
50
dB
ALC Range
ΔVALC
RO=3.9KΩ, THD=10%
40
45
dB
ALC Balance
CBALC
VIN=1mV
0
2.5
dB
Total Harmonic Distortion
THD
VOUT=0.3V
0.1
0.3
%
Input Resistance
RIN
15
25
45
k
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com