Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA22241G-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # KA22241G-S14-R
Description  DUAL EQUALIZER AMPLIFIER WITH ALC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

KA22241G-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  KA22241G-S14-R Datasheet HTML 1Page - Unisonic Technologies KA22241G-S14-R Datasheet HTML 2Page - Unisonic Technologies KA22241G-S14-R Datasheet HTML 3Page - Unisonic Technologies KA22241G-S14-R Datasheet HTML 4Page - Unisonic Technologies KA22241G-S14-R Datasheet HTML 5Page - Unisonic Technologies KA22241G-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
KA22241
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R110-001,C
DUAL EQUALIZER AMPLIFIER
WITH ALC
DESCRIPTION
The UTC KA22241 is a monolithic integrated circuit, consisting
of dual equalizer amplifier with ALC, and it is suitable for stereo
radio cassette tape recorders.
FEATURES
* Dual equalizer amplifier with built-in ALC circuit
* Low noise VNI=1.0μV(Typical)
* High open loop voltage gain: Gv=80dB(Typical)
* Good ALC response balance between channels
* Not necessary the input coupling capacitor
* Not necessary the diode or transistor for ALC
* Built in power supply muting circuit
* Minimum number of external parts required
Lead-free:
KA22241L
Halogen-free: KA22241G
ORDERING INFORMATION
Ordering Number
Normal
Lead Free
Halogen Free
Package
Packing
KA22241-S14-T
KA22241L-S14-T
KA22241G-S14-T
SOP-14
Tube
KA22241-S14-R
KA22241L-S14-R
KA22241G-S14-R
SOP-14
Tape Reel
KA22241-G09-T
KA22241L-G09-T
KA22241G-G09-T
SIP-9
Tube
KA22241L-S14-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) S14: SOP-14, G09: SIP-9
(3) G: Halogen Free, L: Lead Free, Blank: Pb/Sn


Similar Part No. - KA22241G-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
KA22241 UTC-KA22241 Datasheet
37Kb / 3P
DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Wing Shing Computer Com...
KA22241 WINGS-KA22241 Datasheet
137Kb / 6P
DUAL EQ AMP WITH ALC
logo
Samsung semiconductor
KA22241C SAMSUNG-KA22241C Datasheet
142Kb / 6P
DUAL EQ AMP WITH ALC
More results

Similar Description - KA22241G-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCKA22241 UTC-UTCKA22241 Datasheet
37Kb / 3P
DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Samsung semiconductor
KA2220 SAMSUNG-KA2220 Datasheet
164Kb / 5P
EQUALIZER AMPLIFIER WITH ALC
logo
Sanyo Semicon Device
LA3210 SANYO-LA3210 Datasheet
152Kb / 5P
Equalizer Amplifier With ALC
LA3220 SANYO-LA3220 Datasheet
277Kb / 8P
2-Channel Equalizer Ampe With ALC
logo
List of Unclassifed Man...
KA2224 ETC-KA2224 Datasheet
155Kb / 6P
DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Samsung semiconductor
KA7226 SAMSUNG-KA7226 Datasheet
285Kb / 6P
DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Wuxi Youda electronics ...
YD22241 YOUDA-YD22241 Datasheet
83Kb / 3P
DUAL EQUALIZER AMPLIFIER WITH ALC
YD3308F YOUDA-YD3308F Datasheet
77Kb / 3P
DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Unisonic Technologies
TDA2611 UTC-TDA2611 Datasheet
115Kb / 3P
DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Samsung semiconductor
S1A2224A01 SAMSUNG-S1A2224A01 Datasheet
178Kb / 8P
Dual equalizer amplifier with a built-in ALC circuit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com