Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFP4N100Q Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFP4N100Q
Description  HiperFET Power MOSFETs Q-Class
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP4N100Q Datasheet(HTML) 4 Page - IXYS Corporation

  IXFP4N100Q Datasheet HTML 1Page - IXYS Corporation IXFP4N100Q Datasheet HTML 2Page - IXYS Corporation IXFP4N100Q Datasheet HTML 3Page - IXYS Corporation IXFP4N100Q Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFA4N100Q
IXFP4N100Q
IXYS REF: IXT_4N100Q (4U)04-01-11-A
T
C - Degrees Centigrade
-50
-25
0
25
50
75
100 125 150
0
1
2
3
4
5
Pulse Width - Seconds
10-4
10-3
10-2
10-1
100
101
0.01
0.10
1.00
V
DS - Volts
0
5
10
15
20
25
30
35
10
100
1000
V
SD - Volts
0.2
0.4
0.6
0.8
1.0
1.2
0
2
4
6
8
10
Gate Charge - nC
0
102030405060
0
3
6
9
12
15
Crss
Coss
Ciss
V
DS = 600 V
I
D = 3 A
I
G = 10 mA
f = 1MHz
T
J = 125
OC
T
J = 25
OC
60
2000
Figure 7. Gate Charge
Figure 8. Capacitance Curves
Figure 9. Forward Voltage Drop of the Intrinsic Diode
Figure 11. Transient Thermal Resistance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com