Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFP4N100Q Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFP4N100Q
Description  HiperFET Power MOSFETs Q-Class
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP4N100Q Datasheet(HTML) 1 Page - IXYS Corporation

  IXFP4N100Q Datasheet HTML 1Page - IXYS Corporation IXFP4N100Q Datasheet HTML 2Page - IXYS Corporation IXFP4N100Q Datasheet HTML 3Page - IXYS Corporation IXFP4N100Q Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2011 IXYS CORPORATION, All Rights Reserved
DS98705B(04/11)
V
DSS
= 1000V
I
D25
= 4A
R
DS(on)
≤≤≤≤≤ 3.0Ω
Ω
Ω
Ω
Ω
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
1000
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
1000
V
V
GSS
Continuous
± 20
V
V
GSM
Transient
± 30
V
I
D25
T
C = 25°C4
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
16
A
I
A
T
C = 25°C4
A
E
AS
T
C = 25°C
700
mJ
dv/dt
I
S
≤ I
DM, VDD ≤ VDSS,TJ ≤ 150°C
5
V/ns
P
D
T
C = 25°C
150
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
C
Mounting Force (TO-263)
10..65/2.2..14.6
Nm/lb.in.
M
d
Mounting Torque (TO-220)
1.13/10
Nm/lb.in.
Weight
TO-263
2.5
g
TO-220
3.0
g
IXFA4N100Q
IXFP4N100Q
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-263 AA (IXFA)
G
D S
TO-220AB (IXFP)
D (Tab)
G
S
D (Tab)
HiperFETTM
Power MOSFETs
Q-Class
Features
International Standard Packages
Avalanche Rated
Fast Intrinsic Diode
Low Q
G
Low R
DS(on)
Low Drain-to-Tab Capacitance
Low Package Inductance
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
DC-DC Converters
Battery Chargers
Switch-Mode and Resonant-Mode
Power Supplies
DC Choppers
Temperature and Lighting Controls
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 1mA
1000
V
V
GS(th)
V
DS = VGS, ID = 1.5mA
2.5
4.5
V
I
GSS
V
GS = ± 20V, VDS = 0V
± 100 nA
I
DSS
V
DS = VDSS, VGS = 0V
50
μA
T
J = 125°C
1 mA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
3.0
Ω


Similar Part No. - IXFP4N100Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFP4N100Q IXYS-IXFP4N100Q Datasheet
79Kb / 4P
HiPerFET Power MOSFETs Q-Class
IXFP4N100QM IXYS-IXFP4N100QM Datasheet
116Kb / 4P
HiPerFET Power MOSFET Q-Class
More results

Similar Description - IXFP4N100Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH16N90Q IXYS-IXFH16N90Q Datasheet
72Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFX73N30Q IXYS-IXFX73N30Q Datasheet
98Kb / 2P
HiPerFET Power MOSFETs Q-CLASS
98984 IXYS-98984 Datasheet
92Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFH13N80Q IXYS-IXFH13N80Q Datasheet
51Kb / 2P
HiPerFET Power MOSFETs Q Class
IXFH15N100Q IXYS-IXFH15N100Q Datasheet
137Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFB80N50Q2 IXYS-IXFB80N50Q2 Datasheet
172Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFK24N90Q IXYS-IXFK24N90Q Datasheet
87Kb / 2P
HiPerFET Power MOSFETs Q-CLASS
IXFH80N15Q IXYS-IXFH80N15Q Datasheet
125Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFH20N60Q IXYS-IXFH20N60Q Datasheet
153Kb / 4P
HiPerFET Power MOSFETs Q-Class
IXFH26N55Q IXYS-IXFH26N55Q Datasheet
128Kb / 2P
HiPerFET Power MOSFETs Q-Class
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com