Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6726-S18-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # L6726-S18-R
Description  UNIVERSAL SPEECH CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L6726-S18-R Datasheet(HTML) 3 Page - Unisonic Technologies

  L6726-S18-R Datasheet HTML 1Page - Unisonic Technologies L6726-S18-R Datasheet HTML 2Page - Unisonic Technologies L6726-S18-R Datasheet HTML 3Page - Unisonic Technologies L6726-S18-R Datasheet HTML 4Page - Unisonic Technologies L6726-S18-R Datasheet HTML 5Page - Unisonic Technologies L6726-S18-R Datasheet HTML 6Page - Unisonic Technologies L6726-S18-R Datasheet HTML 7Page - Unisonic Technologies L6726-S18-R Datasheet HTML 8Page - Unisonic Technologies L6726-S18-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
L6726
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 13
www.unisonic.com.tw
QW-R108-015,B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Line Voltage, tp =2s
VL
0~22
V
Line Current, Continuous
IL
0~130
mA
Ambient Operating Temperature
TOPR
-40~+70
°C
Storage Temperature
TSTG
-55~+125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
PARAMETER
FIG.
TEST CONDITIONS
MIN
TYP
MAX UNIT
Line Voltage
1
IL=15mA
IL=100mA
3.3
11
3.7
13
4.1
15
V
Transmitting Gain, Note 1
1
20·10log(V2/V3), 1kHz
RL=0Ω
RL=400Ω
RL=900Ω~2.2kΩ
41
43.5
46
43
45.5
48
45
47.5
50
dB
dB
dB
Transmitting Range Of Regulation
1
1kHz, RL=0 ~ 900 Ω
3
5
7
dB
Transmitting Frequency Response
1
200Hz ~ 3.4kHz
-1
1
dB
Receiving Gain, Note 1
1
20·10log (V4/V1), 1kHz
RL=0Ω
RL=400Ω
RL=900Ω~2.2kΩ
-18.5
-16
-13.5
-16.5
-14
-11.5
-14.5
-12
-9.5
dB
dB
dB
Receiving Range Of Regulation
1
1kHz, RL=0 ~ 900 Ω
3
5
7
dB
Receiving frequency response
1
200Hz ~ 3.4kHz
-1
1
dB
Microphone Input Impedance
Pin12,13
1
1kHz, note 3
1.7(//2.7)
kΩ
Transmitter Input Impedance Pin 3
1
1kHz
17
kΩ
Transmitter Dynamic Output
1
200Hz~3.4kHz
≤2% distortion, IL=20~100mA
1.5
Vp
Transmitter Max Output
1
200 Hz~3.4kHz
IL=0-100mA,V3=0.1V
3
Vp
Receiver Output Impedance
1
1kHz, note 3
3(+310)
Ω
Receiver Dynamic Output (Note 2)
1
200Hz~3.4kHz
≤2% distortion, IL=20~100mA
0.5
Vp
Receiver Max Output
2
Measured with line rectifier
200 Hz~3.4kHz, IL=0~100mA, V1=0~50V
0.9
Vp
Transmitter Output Noise
1
Psof-weighting, Rel1 Vrms, RL=0
-75
dBpsof
Receiver Output Noise
1
A-weighting, Rel 1Vrms, with cable
0~5km, φ=0.5mm, 0~3km, φ=0.3mm
-85
dBA
Mute Input Voltage at Mute
(Active Low)
1
0.3
V
DC-Supply Voltage
1
IL=10~100mA, IDC=0mA
IL=10~100mA, IDC=2mA
2.35
2.2
V
DC-Supply Current, Pin8
1
2
mA
Dc-Output Pin8 Input Leakage
Current (No Supply)
3
VDC=2.35V
0.1
µA
DTMF Transmitting Gain
1
VM=0.3V
24.5
26.5
28.5
dB
Notes: 1. Adjustable to both higher and lower values with external components.
2. The dynamic output can be doubled, see applications information.
3. External resistor in the test set up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com