Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6726-S18-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L6726-S18-R
Description  UNIVERSAL SPEECH CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L6726-S18-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L6726-S18-R Datasheet HTML 1Page - Unisonic Technologies L6726-S18-R Datasheet HTML 2Page - Unisonic Technologies L6726-S18-R Datasheet HTML 3Page - Unisonic Technologies L6726-S18-R Datasheet HTML 4Page - Unisonic Technologies L6726-S18-R Datasheet HTML 5Page - Unisonic Technologies L6726-S18-R Datasheet HTML 6Page - Unisonic Technologies L6726-S18-R Datasheet HTML 7Page - Unisonic Technologies L6726-S18-R Datasheet HTML 8Page - Unisonic Technologies L6726-S18-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
L6726
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 13
www.unisonic.com.tw
QW-R108-015,B
FUNCTIONAL DIAGRAM
10
12
13
DC
7
9
85
11
3
2
15
16 6
14
4
17
18
AR
AT
AM
1
UTC L6726
1.Impedance to line and radio interference suppression.
2.Transmit gain and frequency response network.
3.Receive gain and frequency response network.
4.Side tone balance network.
5.DC-supply components.
AD
DTMF
input
DC output for external
CMOS device
5
2
4
1
3
Mute
(active low)
Telephone
Line
+LINE
-LINE
REC
MUTE
VM
V4
IL
DTMF
IDC
VDC
ARTIFICAIAL
LINE
C1
1μF
600Ω
V1
V2
RLoad
=400Ω+400Ω
VL
Figure 1. Test setup without rectifier bridge
5H+5H
RL=0~4KΩ
0 Ω when artificail line is used
C1= 1μF when artificial line is used
470μF when not used
V3
MIC
ZMIC=350 Ω
ZRec=350 Ω
E=48.5V
UTC 6726
with external
component
see fig 3
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com