Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2985G-XX-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LD2985G-XX-AF5-R
Description  VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD2985G-XX-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LD2985G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LD2985G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LD2985G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LD2985G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LD2985G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies LD2985G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies LD2985G-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies LD2985G-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies LD2985G-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LD2985
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 23
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R102-024.G
VERY LOW DROP AND LOW
NOISE VOLTAGE REGULATOR
LOW ESR CAP. COMPATIBLE,
WITH INHIBIT FUNCTION
DESCRIPTION
The UTC LD2985 is a 150mA fixed output voltage regulator. The
ultra low drop voltage and the low quiescent current make them
particularly suitable for low noise, low power applications, and in battery
powered systems. In sleep mode quiescent current is less than 1μA
when INHIBIT pin is pulled low. Shutdown Logic Control Function is
available on pin 3 (TTL compatible). This means that when the device is
used as local regulator, it is possible to put a part of the board in
standby, decreasing the total power consumption.
An external capacitor, CBYP=10nF, connected between bypass pin
and GND reduce the noise to 30μVrms.
Typical applications are in cellular phone, palmtop laptop computer,
personal digital assistant (PDA), personal stereo, camcorder and
camera.
FEATURES
* Very Low Dropout Voltage (280mV at 150mA and 7mV at 1mA load)
* Very Low Quiescent current (2mA Typ. at 150mA load and 80μA at no Load)
* Output Current up to 150mA
* Logic Controlled Electronic Shutdown
* Output Voltage of 1.5, 1.8, 2.5, 2.8, 2.85, 3, 3.1, 3.2, 3.3, 3.5, 3.6, 3.8, 4, 4.7, 5V
* Internal Current and Thermal Limit
* Low Output Noise Voltage 30μVrms
ORDERING INFORMATION
Ordering Number
Lead Free Plating
Halogen Free
Package
Packing
LD2985L-xx-AF5-R
LD2985G-xx-AF5-R
SOT-25
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LD2985G-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LD2985G-XX-AF5-R UTC-LD2985G-XX-AF5-R Datasheet
353Kb / 23P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.
LD2985G-XX-AF5-R UTC-LD2985G-XX-AF5-R Datasheet
359Kb / 16P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE,WITH INHIBIT FUNCTION
More results

Similar Description - LD2985G-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD2982 STMICROELECTRONICS-LD2982 Datasheet
296Kb / 13P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR WITH INHIBIT FUNCTION, LOW ESR CAP. COMPATIBLE
Jul-2003
LD2985 STMICROELECTRONICS-LD2985 Datasheet
301Kb / 13P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
Jul-2003
logo
Unisonic Technologies
LD1985 UTC-LD1985_05 Datasheet
424Kb / 10P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD2985 UTC-LD2985 Datasheet
148Kb / 10P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985 UTC-LD1985_10 Datasheet
253Kb / 10P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD2985 UTC-LD2985_11 Datasheet
353Kb / 23P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.
logo
E-Tech Electronics LTD
LD1985 ETL-LD1985 Datasheet
294Kb / 9P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD2985 ETL-LD2985 Datasheet
355Kb / 15P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
Unisonic Technologies
LD2985 UTC-LD2985_17 Datasheet
292Kb / 15P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE
LD2985 UTC-LD2985_V01 Datasheet
359Kb / 16P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE,WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com