Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339-P14-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LM339-P14-R
Description  QUAD DIFFERENTIAL COMPARATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM339-P14-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LM339-P14-R Datasheet HTML 1Page - Unisonic Technologies LM339-P14-R Datasheet HTML 2Page - Unisonic Technologies LM339-P14-R Datasheet HTML 3Page - Unisonic Technologies LM339-P14-R Datasheet HTML 4Page - Unisonic Technologies LM339-P14-R Datasheet HTML 5Page - Unisonic Technologies LM339-P14-R Datasheet HTML 6Page - Unisonic Technologies LM339-P14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LM339
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R104-001.H
TYPICAL CHARACTERISTICS
0
5
10
15
20
25
30
35
40
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Ta=-25℃
Ta=-40℃
Ta=25℃
Ta=70℃
RL=∞
Fig.1 Supply Current
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
10
20
30
40
50
60
70
80
90
100
110
Ta=-25℃
Ta=-40℃
Ta=25℃
Ta=70℃
Vcm=0VDC
Rcm=1GΩ
Fig.2 Input Current
Supply Current (V)
Time (
μs)
0
0.4
0.8
1.2
1.6
0
2.0
4.0
6.0
-100
0
Fig.4 Reponse Time For Various Input
Overdrive Negative Transition
Ta=25℃
Input Overdrive
20mV
5.0mV
10
-3
1
10
10
2
10
-2
10
-2
-1
10
-1
10
1
10
1
1
Fig.3 Output Saturation Voltage
Output Sink Current (mA)
Ta=85℃
Ta=25℃
Ta=-40℃
0
0.4
0.8
1.2
1.6
Time (
μs)
0
2.0
4.0
6.0
0
100
50mV
20mV 5.0mV
Input Overdrive
Ta=25℃
Fig.5 Reponse Time For Various Input
Overdrive Positive Transition
50mV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com