Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339-P14-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LM339-P14-R
Description  QUAD DIFFERENTIAL COMPARATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM339-P14-R Datasheet(HTML) 6 Page - Unisonic Technologies

  LM339-P14-R Datasheet HTML 1Page - Unisonic Technologies LM339-P14-R Datasheet HTML 2Page - Unisonic Technologies LM339-P14-R Datasheet HTML 3Page - Unisonic Technologies LM339-P14-R Datasheet HTML 4Page - Unisonic Technologies LM339-P14-R Datasheet HTML 5Page - Unisonic Technologies LM339-P14-R Datasheet HTML 6Page - Unisonic Technologies LM339-P14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LM339
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R104-001.H
TYPICAL CHARACTERISTICS(cont.)
Time (
μs)
Frequency (Hz)
6
10
4
10
10
35
10
0
5
10
15
Fig.8 Large Signal Frequency Response
100k
2k
1k
Vi
+15V
+7V
Vcc
Vcc/2
Io
Vo
Vcc=+5V
Vcc=+15V
Vcc=+30V
10
-3
10
-2
10
-1
110
2
10
10
-1
1
10
Fig.10 Output Characteristics Current Sinking
Output Sink Current (mA)
10
-1
10
-2
10
-3
10
2
10
1
1
2
3
4
5
6
7
8
Vcc
Vcc/2
Io
Vo
Ta=25℃
Fig.9 Output Characteristics
Current Sourcing
Output Source Current (mA)
Fig.7 Voltage Follower Pulse Response
(Small Signal)
01
2
3
45
67
8
9
275
300
350
400
450
Time (
μs)
RL=2kΩ
Vcc=15V
0
1
2
3
2
3
1
0
010
20
30
40
50
Fig.6
-50
-25
0
25
50
75
100
0
20
40
60
Temperature ()
Fig.11 Current Limiting



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com