Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0117 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0117
Description  GaAs SPDT 2.7 V High Power Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0117 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0117 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0117 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0117 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs SPDT 2.7 V High Power Switch
DC - 3.0 GHz
Rev. V3
MASWSS0117
1
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.43537383
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Voltage Operation: 2.7 V
• High IP3: +56 dBm
• Low Insertion Loss: 0.30 dB at 1 GHz
• High Isolation: 25 dB at 1 GHz
• SC70 6-Lead Package
• 0.5 micron GaAs PHEMT Process
Description
The MASWSS0117 is a GaAs pHEMT MMIC single
pole double throw (SPDT) high power switch in a low
cost SC70 6-lead package. The MASWSS0117 is
ideally suited for applications where high power, low
control voltage, low insertion loss, high isolation,
small size and low cost are required.
Typical applications are for CDMA handset systems
that connect separate transceiver and/or GPS
functions to a common antenna, as well as other
related handset and general purpose applications.
The MASWSS0117 can be used in all systems
operating up to 3.0 GHz requiring high power at low
control voltage.
The MASWSS0117 is fabricated using a 0.5 micron
gate length GaAs pHEMT process.
The process
features
full
passivation
for
performance
and
reliability.
Functional Block Diagram
Pin Configuration
Pin No.
Pin Name
Description
1
V2
Vcontrol 2
2
RFC
RF Common
3
V1
Vcontrol 1
4
RF1
RF Port 1
5
GND
RF Ground
6
RF2
RF Port 2
Ordering Information1
Part Number
Package
MASWSS0117
Bulk Packaging
MASWSS0117TR
1000 piece reel
MASWSS0117TR-3000
3000 piece reel
MASWSS0117SMB
Sample Test Board
1. Reference Application Note M513 for reel size information.
MASWSS0117 orientation in tape
MASWSS0117 Device Marking


Similar Part No. - MASWSS0117

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0117 MACOM-MASWSS0117 Datasheet
128Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0117 MA-COM-MASWSS0117 Datasheet
82Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
logo
Tyco Electronics
MASWSS0117SMB MACOM-MASWSS0117SMB Datasheet
128Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0117SMB MA-COM-MASWSS0117SMB Datasheet
82Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
logo
Tyco Electronics
MASWSS0117TR MACOM-MASWSS0117TR Datasheet
128Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
More results

Similar Description - MASWSS0117

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0117 MACOM-MASWSS0117 Datasheet
128Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASWSS0204 MACOM-MASWSS0204 Datasheet
187Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASW-008853 MACOM-MASW-008853 Datasheet
134Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 5.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0204 MA-COM-MASWSS0204 Datasheet
110Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASWSS0117 MA-COM-MASWSS0117 Datasheet
82Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASW-008853 MA-COM-MASW-008853 Datasheet
115Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 5.0 GHz
MASWSS0204_V3 MA-COM-MASWSS0204_V3 Datasheet
142Kb / 3P
GaAs SPDT 2.7 V High Power Switch
MASWSS0204 MA-COM-MASWSS0204 Datasheet
142Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASW-008853 MA-COM-MASW-008853 Datasheet
115Kb / 3P
GaAs SPDT 2.7 V High Power Switch
MASW-008853 MA-COM-MASW-008853_15 Datasheet
598Kb / 4P
GaAs SPDT 2.7 V High Power Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com