Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDR25D07LANP-R68PC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDR25D07LANP-R68PC
Description  Power Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR25D07LANP-R68PC Datasheet(HTML) 1 Page - Sumida Corporation

  CDR25D07LANP-R68PC Datasheet HTML 1Page - Sumida Corporation CDR25D07LANP-R68PC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
■
Features
◎
Magnetically shielded construction.
◎
Storage temperature range: -40
℃
~+105
℃
.
◎
Operating temperature range: -40
℃
~+105
℃
(including coil’s self temperature rise).
◎
H
igh operating frequency up to 6MHz.
◎
RoHS Compliance and Halogen Free.
■
Applications
Ideally used in MP3/MP4, smart phone, PDA, DSC/DVC, etc.
■
■
■
■
Dimensions/Recommended Land Patterns (mm)
Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDR25D07/LA
◆
◆
◆
◆ Dimensions
◆
◆
◆
◆ Land pattern
2.56
2.
56
(3
.2
0)
(2
.4
0)
(1.
15)
45
°
+0.15
-0.10
+0
.1
5
-0
.1
0
MAX 0.80
C0.40
45
°
2.2
0
3.5
0
1.
30
R0.10


Similar Part No. - CDR25D07LANP-R68PC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR25D07LANP-R68PC SUMIDA-CDR25D07LANP-R68PC Datasheet
164Kb / 2P
Power Inductor
More results

Similar Description - CDR25D07LANP-R68PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R0612-8R2K ETC1-R0612-8R2K Datasheet
38Kb / 1P
Power Inductor
logo
Sumida Corporation
CDRC62 SUMIDA-CDRC62 Datasheet
228Kb / 2P
Power Inductor
CDRR127 SUMIDA-CDRR127 Datasheet
32Kb / 1P
Power Inductor
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C2DEP1010 SUMIDA-C2DEP1010 Datasheet
206Kb / 3P
Power Inductor
CDEP1411 SUMIDA-CDEP1411 Datasheet
222Kb / 4P
Power Inductor
CDRH8D38A SUMIDA-CDRH8D38A_11 Datasheet
170Kb / 4P
Power Inductor
CDRR75 SUMIDA-CDRR75 Datasheet
174Kb / 4P
Power Inductor
CDRR107 SUMIDA-CDRR107_11 Datasheet
153Kb / 4P
Power Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com