Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDR25D07LANP-R68PC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDR25D07LANP-R68PC
Description  Power Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR25D07LANP-R68PC Datasheet(HTML) 2 Page - Sumida Corporation

  CDR25D07LANP-R68PC Datasheet HTML 1Page - Sumida Corporation CDR25D07LANP-R68PC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
■
■
■
■
Electrical Characteristics specification.
Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDR25D07/LA
※1 Measuring frequency inductance at 1MHz .
※2 Saturation current: The DC current at which the inductance decreases to 70% of its nominal value.
※3 Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
0.45
0.31
391
±20%
4.7
±20%
F
CDR25D07LANP-4R7MC
6
0.49
0.37
331
±20%
3.3
±20%
E
CDR25D07LANP-3R3MC
5
0.66
0.45
202
±20%
2.2
±25%
D
CDR25D07LANP-2R2PC
4
0.87
0.53
136
±20%
1.6
±25%
C
CDR25D07LANP-1R5PC
3
0.98
0.64
104
±20%
1.0
±25%
B
CDR25D07LANP-1R0PC
2
1.58
0.78
53
±25%
0.68
±25%
A
CDR25D07LANP-R68PC
1
Temperature
rise current
(
A)
※3
△T=40℃
The saturation
current
(A)※2
(at 20
℃)
D.C.R.
(m
Ω)
[Within]
(at 20
℃)
Inductance
(
μH)
[Within]
※1
Stamp
Part name
No.
Neumarkt
Obernzell
Chicago
Tel.+49-9181-4509-110
FAX. +49-9181-4509-310
Tel.+49-8591-937-0
FAX. +49-8591-937-103
Tel.+1-847-545-6700
FAX. +1-847-545-6720
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+1-408-321-9660
FAX.+1-408-321-9308
Tel.+65-6296-3388
FAX.+65-6296-3390
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
Tel.+81-3-5202-7112
FAX.+81-3-5202-7105
San Jose
Singapore
Seoul
Tokyo
For More Information
Tel.+886-2-8751-2737
FAX.+886-2-8751-2738
Tel.+86-755-8291-0228
FAX.+86-755-8291-0338
Tel.+86-021-5836-3299
FAX.+86-021-5836-3266
Tel.+852-2880-6688
FAX.+852-2565-9600



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com