Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFX24N100F Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFX24N100F
Description  HiPerRF Power MOSFETs F-Class: MegaHertz Switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX24N100F Datasheet(HTML) 3 Page - IXYS Corporation

  IXFX24N100F Datasheet HTML 1Page - IXYS Corporation IXFX24N100F Datasheet HTML 2Page - IXYS Corporation IXFX24N100F Datasheet HTML 3Page - IXYS Corporation IXFX24N100F Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
V
GS - Volts
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
5
10
15
20
25
T
C - Degrees C
-50 -25
0
25
50
75 100 125 150
0
4
8
12
16
20
24
28
T
J - Degrees C
-25
0
25
50
75
100 125 150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
I
D - Amperes
0
5
10 15 20 25 30 35 40 45 50
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
DS - Volts
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
40
V
DS - Volts
0
5
10
15
20
25
0
10
20
30
40
50
60
5V
V
GS = 10V
T
J = 125
OC
T
J = 25
OC
6V
5V
T
J = 25
oC
T
J = 25
OC
T
J = 150
OC
6V
V
GS = 10V
9V
8V
7V
V
GS = 10V
9V
8V
7V
T
J = 125
oC
T
J = -40
oC
IXF_24N100F-P1
I
D = 24A
I
D = 12A
V
GS = 10V
Fig. 1. Output Characteristics at 25oC
Fig. 2. Output Characteristics at 125oC
Fig. 3. R
DS(ON) vs. Drain Current
Fig. 4. R
DS(ON) vs. TJ
Fig. 5. Drain vs. Case Temperature
Fig. 6. Admittance Curves
IXFK 24N100F
IXFX 24N100F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com