Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFX24N100F Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFX24N100F
Description  HiPerRF Power MOSFETs F-Class: MegaHertz Switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX24N100F Datasheet(HTML) 4 Page - IXYS Corporation

  IXFX24N100F Datasheet HTML 1Page - IXYS Corporation IXFX24N100F Datasheet HTML 2Page - IXYS Corporation IXFX24N100F Datasheet HTML 3Page - IXYS Corporation IXFX24N100F Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Pulse Width - Seconds
10-4
10-3
10-2
10-1
100
101
0.001
0.01
0.1
1
V
DS - Volts
0
5
10
15
20
25
30
35
40
100
250
500
1000
2500
5000
Gate Charge - nC
0
50
100
150
200
250
300
0
5
10
15
Crss
Coss
Ciss
V
DS = 500V
I
D = 12A
f = 1MHz
V
SD - Volts
0.2
0.4
0.6
0.8
1.0
1.2
0
5
10
15
20
25
30
35
40
45
50
T
J = 125
OC
T
J = 25
OC
IXF_24N100F-P2
Single Pulse
Fig. 7. Gate Charge Characteristic Curve
Fig. 8. Capacitance Curves
Fig. 9. Source Current vs. Source to Drain Voltage
Fig. 10. Thermal Impedence
IXFK 24N100F
IXFX 24N100F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com