Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFX44N50F Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFX44N50F
Description  HiPerRF Power MOSFETs F-Class: MegaHertz Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX44N50F Datasheet(HTML) 1 Page - IXYS Corporation

  IXFX44N50F Datasheet HTML 1Page - IXYS Corporation IXFX44N50F Datasheet HTML 2Page - IXYS Corporation IXFX44N50F Datasheet HTML 3Page - IXYS Corporation IXFX44N50F Datasheet HTML 4Page - IXYS Corporation IXFX44N50F Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2009 IXYS CORPORATION,All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
500
V
V
GSS
Continuous
± 20
V
V
GSM
Transient
± 30
V
I
D25
T
C = 25°C44
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
184
A
I
AR
T
C = 25°C44
A
E
AR
T
C = 25°C60
mJ
E
AS
T
C = 25°C
2.5
J
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
10
V/ns
P
D
T
C = 25°C
500
W
T
J
- 55 ... +150
°C
T
JM
150
°C
T
stg
- 55 ... +150
°C
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting Torque
(TO-264)
1.13/10
Nm/lb.in.
F
C
Mounting Force
(TO-247)
20..120/4.5..27
Nm/lb.
Weight
TO-264
10
g
TO-247
6
g
Single MOSFET Die
N-Channel Enhancement Mode
Avalanche Rated, Low Q
g, Low Intrinsic Rg
High dV/dt, Low t
rr
Features
RF Capable MOSFETs
Double Metal Process for Low Gate
Resistance
Avalanche Rated
Low Package Inductance
Fast Intrinsic Rectifier
Advantages
Space Savings
High Power Density
Applications
DC-DC Converters
Switch-Mode and Resonant-Mode
Power Supplies, > 500kHz Switching
DC Choppers
13.5 MHz Industrial Applications
Pulse Generation
Laser Drivers
RF Amplifiers
IXFK44N50F
IXFX44N50F
V
DSS
= 500V
I
D25
= 44A
R
DS(on)
≤≤≤≤ 120m
Ω
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 250ns
DS98731C(10/09)
HiPerRFTM
Power MOSFETs
F-Class: MegaHertz Switching
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
500
V
V
GS(th)
V
DS = VGS, ID = 4mA
3.0
5.5
V
I
GSS
V
GS = ± 20V, VDS = 0V
± 100 nA
I
DSS
V
DS = VDSS, VGS = 0V
100
μA
T
J = 125°C
2 mA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
120 m
Ω
G = Gate
D
= Drain
S = Source
Tab = Drain
PLUS247 (IXFX)
TO-264 (IXFK)
Tab
S
G
D
Tab


Similar Part No. - IXFX44N50F

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFX44N50F IXYS-IXFX44N50F Datasheet
99Kb / 2P
HiPerRF Power MOSFETs F-Class MegaHertz Switching Single MOSFET Die
More results

Similar Description - IXFX44N50F

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFX44N50F IXYS-IXFX44N50F Datasheet
99Kb / 2P
HiPerRF Power MOSFETs F-Class MegaHertz Switching Single MOSFET Die
IXFX21N100F IXYS-IXFX21N100F Datasheet
98Kb / 2P
HiPerRF Power MOSFETs F-Class: MegaHertz Switching
IXFR55N50F IXYS-IXFR55N50F Datasheet
499Kb / 2P
HiPerRF Power MOSFETs F-Class: MegaHertz Switching
IXFN24N100 IXYS-IXFN24N100 Datasheet
105Kb / 2P
HiPerRF Power MOSFETs
IXFH28N50 IXYS-IXFH28N50 Datasheet
104Kb / 2P
HiPerRF Power MOSFETs F-Class: MegaHertz Switching
IXFH12N50F IXYS-IXFH12N50F Datasheet
303Kb / 2P
HiPerRF Power MOSFETs F-Class: MegaHertz Switching
IXFH21N50F IXYS-IXFH21N50F Datasheet
106Kb / 2P
HiPerRF Power MOSFETs
IXFH60N20F IXYS-IXFH60N20F_08 Datasheet
103Kb / 2P
HiPerRF Power MOSFET F-Class: MegaHertz Switching
IXFK24N100F IXYS-IXFK24N100F Datasheet
161Kb / 4P
HiPerRF Power MOSFETs F-Class: MegaHertz Switching
IXFN24N100F IXYS-IXFN24N100F Datasheet
108Kb / 2P
HiPerRF Power MOSFETs F-Class: MegaHertz Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com