Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN200N10P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN200N10P
Description  Polar HiPerFET Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN200N10P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN200N10P Datasheet HTML 1Page - IXYS Corporation IXFN200N10P Datasheet HTML 2Page - IXYS Corporation IXFN200N10P Datasheet HTML 3Page - IXYS Corporation IXFN200N10P Datasheet HTML 4Page - IXYS Corporation IXFN200N10P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2006 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 175°C
100
V
V
DGR
T
J
= 25
°C to 175°C; R
GS = 1 MΩ
100
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
200
A
I
D(RMS)
External lead current limit
100
A
I
DM
T
C = 25°C, pulse width limited by TJM
400
A
I
AR
T
C = 25°C60
A
E
AR
T
C = 25°C
100
mJ
E
AS
T
C = 25°C4
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/μs, VDD ≤ VDSS,
10
V/ns
T
J
≤ 150°C, R
G = 4 Ω
P
D
T
C = 25°C
680
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +150
°C
V
ISOL
50/60 Hz, RMS,
T = 1 min
2500
V~
I
ISOL ≤ 1 mA,
T = 1 s
3000
V~
M
d
Mounting torque, Terminal connection torque
1.5/13
lb.in.
Weight
30
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0 V, ID = 250 μA
100
V
V
GS(th)
V
DS
= V
GS, ID = 8 mA
3.0
5.0
V
I
GSS
V
GS = ±20 V, VDS = 0
±100
nA
I
DSS
V
DS
= V
DSS, VGS = 0 V
25
μA
T
J = 150°C
500
μA
T
J = 175°C
2.5
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25
7.5
m
Ω
V
GS = 15 V, ID = 400A
5.5
m
Ω
Pulse test, t
≤ 300 μs, duty cycle d ≤ 2 %
DS99239E(03/06)
PolarTM HiPerFET
Power MOSFET
N-Channel Enhancement Mode
Fast Intrinsic Diode
Avalanche Rated
V
DSS
= 100 V
I
D25
= 200 A
R
DS(on) ≤
≤≤≤≤ 7.5 mΩ
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 150 ns
IXFN 200N10P
G
D
S
S
miniBLOC, SOT-227 B (IXFN)
E153432
G = Gate
D = Drain
S = Source
Either Source terminal S can be used as the
Source terminal or the Kelvin Source (gate
return) terminal.
Features
• International standard package
• Encapsulating epoxy meets
UL 94 V-0, flammability classification
• miniBLOC with Aluminium nitride
isolation
• Low R
DS (on) HDMOS
TM process
• Rugged polysilicon gate cell structure
• Unclamped Inductive Switching (UIS)
rated
• Low package inductance
• Fast intrinsic Rectifier
Applications
• DC-DC converters
• Synchronous rectification
• Battery chargers
• Switched-mode and resonant-mode
power supplies
• DC choppers
• Temperature and lighting controls
• Low voltage relays
Advantages
• Easy to mount
• Space savings
• High power density


Similar Part No. - IXFN200N10P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN200N06 IXYS-IXFN200N06 Datasheet
188Kb / 4P
HiPerFET Power MOSFETs
IXFN200N07 IXYS-IXFN200N07 Datasheet
188Kb / 4P
HiPerFET Power MOSFETs
More results

Similar Description - IXFN200N10P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH18N90P IXYS-IXFH18N90P Datasheet
203Kb / 5P
Polar Power MOSFET HiPerFET
IXFH24N90P IXYS-IXFH24N90P Datasheet
128Kb / 4P
Polar Power MOSFET HiPerFET
IXFK40N90P IXYS-IXFK40N90P Datasheet
124Kb / 4P
Polar Power MOSFET HiPerFET
IXFA12N50P IXYS-IXFA12N50P Datasheet
150Kb / 5P
Polar Power MOSFET HiperFET
IXFH170N10P IXYS-IXFH170N10P Datasheet
146Kb / 5P
Polar HiperFET Power MOSFET
IXFB30N120P IXYS-IXFB30N120P Datasheet
147Kb / 5P
Polar HiPerFET Power MOSFET
IXFK30N110P IXYS-IXFK30N110P Datasheet
121Kb / 4P
Polar Power MOSFET HiPerFET
IXFK32N100P IXYS-IXFK32N100P Datasheet
124Kb / 4P
Polar Power MOSFET HiPerFET
IXFN30N120P IXYS-IXFN30N120P Datasheet
114Kb / 4P
Polar Power MOSFET HiPerFET
IXFN40N110P IXYS-IXFN40N110P Datasheet
116Kb / 4P
Polar Power MOSFET HiPerFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com