Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN200N10P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFN200N10P
Description  Polar HiPerFET Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN200N10P Datasheet(HTML) 3 Page - IXYS Corporation

  IXFN200N10P Datasheet HTML 1Page - IXYS Corporation IXFN200N10P Datasheet HTML 2Page - IXYS Corporation IXFN200N10P Datasheet HTML 3Page - IXYS Corporation IXFN200N10P Datasheet HTML 4Page - IXYS Corporation IXFN200N10P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2006 IXYS All rights reserved
IXFN 200N10P
Fig. 2. Exte nde d Output Char acte r is tics
@ 25
ºC
0
50
100
150
200
250
300
350
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V D S - V olts
VGS = 10V
7V
6V
8V
9V
Fig. 3. Output Char acte r is tics
@ 150
ºC
0
25
50
75
100
125
150
175
200
0
0.5
1
1.5
2
2.5
3
3.5
V D S - V olts
V
GS = 10V
9V
5V
6V
7V
8V
Fig. 1. Output Char acte r is tics
@ 25
ºC
0
25
50
75
100
125
150
175
200
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
V D S - V olts
V
GS = 10V
9V
7V
6V
8V
Fig. 4. RDS(on
) No r m aliz e d t o ID = 100A
V alue vs . Junction Te m pe r atur e
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-50
-25
0
25
50
75
100
125
150
175
TJ - Degrees Centigrade
I
D = 200A
I
D = 100A
V
GS = 10V
Fig. 5. RDS(on) Nor m alize d to ID = 100A
V alue vs . Dr ain Cur r e nt
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
0
50
100
150
200
250
300
350
I D - A mperes
T
J = 25ºC
T
J = 175ºC
VGS = 10V
VGS = 15V - - - -
Fig . 6. Dr ain C u r r e n t vs . C as e
Te m p e r a t ur e
0
20
40
60
80
10 0
12 0
-5 0
-25
0
2 5
5 0
7 5
100
125
150
175
TC - Degrees Centigrade
Ex ternal Lead Current limit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com