Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP36-015P Datasheet(PDF) 2 Page - IXYS Corporation

Part # FMP36-015P
Description  Polar P & N-Channel Power MOSFETs Common Drain Topology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

FMP36-015P Datasheet(HTML) 2 Page - IXYS Corporation

  FMP36-015P Datasheet HTML 1Page - IXYS Corporation FMP36-015P Datasheet HTML 2Page - IXYS Corporation FMP36-015P Datasheet HTML 3Page - IXYS Corporation FMP36-015P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
FMP36-015P
ISOPLUS i4-PakTM Outline
Ref: IXYS CO 0077 R0
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol
Test Conditions2
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = - 250 μA
-150
V
V
GS(th)
V
DS = VGS, ID = - 250μA
- 2.5
- 4.5
V
I
GSS
V
GS = ±20V, VDS = 0V
± 100 nA
I
DSS
V
DS = VDSS, VGS = 0V
-10
μA
T
J = 125°C
- 250
μA
R
DS(on)
V
GS = -10V, ID = -18A, Note 1
110 m
Ω
g
fs
V
DS = -10V, ID = -18A, Note 1
11
19
S
C
iss
3100
pF
C
oss
V
GS = 0V, VDS = - 25 V, f = 1MHz
610
pF
C
rss
100
pF
t
d(on)
Resistive Switching Times
21
ns
t
r
V
GS = -10V, VDS = 0.5
V
DSS, ID = -18A
31
ns
t
d(off)
R
G = 3.3Ω (External)
36
ns
t
f
15
ns
Q
g(on)
55
nC
Q
gs
V
GS= -10V, VDS = 0.5
V
DSS, ID = -18A
20
nC
Q
gd
18
nC
R
thJC
1.0
°C/W
R
thCS
0.15
°C/W
Drain-Source Diode
Characteristic Values
(T
J = 25°C unless otherwise specified)
Symbol
Test Conditions2
Min.
Typ.
Max.
I
S
V
GS = 0V
- 22
A
I
SM
Repetitive, pulse width limited by T
JM
-140
A
V
SD
I
F = -18A, VGS = 0 V, Note 1
- 3.3
V
t
rr
I
F = -18A, di/dt = 100 A/μs
228
ns
Q
RM
V
R = - 75V, VGS = 0V
2.0
μC
I
RM
-17.6
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com