Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP36-015P Datasheet(PDF) 3 Page - IXYS Corporation

Part # FMP36-015P
Description  Polar P & N-Channel Power MOSFETs Common Drain Topology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

FMP36-015P Datasheet(HTML) 3 Page - IXYS Corporation

  FMP36-015P Datasheet HTML 1Page - IXYS Corporation FMP36-015P Datasheet HTML 2Page - IXYS Corporation FMP36-015P Datasheet HTML 3Page - IXYS Corporation FMP36-015P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2008 IXYS CORPORATION, All rights reserved
FMP36-015P
N - CHANNEL
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
150
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1MΩ
150
V
V
GSS
Continuous
± 20
V
V
GSM
Transient
± 30
V
I
D25
T
C = 25°C
36
A
I
DM
T
C = 25°C, pulse width limited by TJM
150
A
I
A
T
C = 25°C
50
A
E
AS
T
C = 25°C
1.0
J
P
D
T
C = 25°C
125
W
Symbol
Test Conditions2
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250 μA
150
V
V
GS(th)
V
DS = VGS, ID = 250μA
3.0
5.5
V
I
GSS
V
GS = ±20 V, VDS = 0V
± 100 nA
I
DSS
V
DS = VDSS, VGS = 0V
25
μA
T
J = 150°C
250
μA
R
DS(on)
V
GS = 10V, ID = 31A, (Note 1)
33
40 m
Ω
g
fs
V
DS = 10V, ID = 31A, (Note 1)
14
24
S
C
iss
2250
pF
C
oss
V
GS = 0V, VDS = 25 V, f = 1 MHz
660
pF
C
rss
185
pF
t
d(on)
Resistive Switching Times
27
ns
t
r
V
GS = 10V, VDS = 0.5
V
DSS, ID = 31A
38
ns
t
d(off)
R
G = 10Ω (External)
76
ns
t
f
35
ns
Q
g(on)
70
nC
Q
gs
V
GS= 10V, VDS = 0.5
V
DSS, ID = 31A
20
nC
Q
gd
38
nC
R
thJC
1.0
°C/W
R
thCS
0.15
°C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com