Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VFHA1104LS Datasheet(PDF) 7 Page - STANLEY ELECTRIC CO.,LTD.

Part # VFHA1104LS
Description  Single Color PLCC-2 Type (High Reliability type, V-Series)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VFHA1104LS Datasheet(HTML) 7 Page - STANLEY ELECTRIC CO.,LTD.

Back Button VFHA1104LS Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. VFHA1104LS Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. VFHA1104LS Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. VFHA1104LS Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. VFHA1104LS Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VFHA1104LS Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VFHA1104LS Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. VFHA1104LS Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. VFHA1104LS Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2010.12.15
Page 7
1104LS Series
(High Reliability type, V-Series)
Single Color PLCC-2 Type
(Ta=25℃)
Luminous Intensity Rank
Intensity Tolerance each Rank : +/-10%
※ Please contact our sales staff concerning rank designation.
Rank
IV(mcd)
VCP B VCL B VCP G VCMG VF HG VF J G VF GG
MIN.
MAX. IF =10mA IF =30mA IF =10mA IF =30mA IF =20mA IF =20mA IF =50mA
B1
10
12
B2
12
15
B3
15
18
B4
18
22
B4
B5
22
27
B6
27
33
B6
B6
B7
33
39
B7
B8
39
47
B8
B9
47
56
BX
56
68
BY
68
82
BY
B Z
82
100
B Z
C1
100
120
C2
120
150
C2
C1
C3
150
180
C3
C4
180
220
C5
220
270
C6
270
330
C7
330
390
C7
C7
C7
C8
390
470
C9
470
560
CX
560
680
CY
680
820
CZ
820
1,000
CZ
D1
1,000
1,200
D2
1,200
1,500
D3
1,500
1,800
D4
1,800
2,200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com