Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VFHA1104LS Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # VFHA1104LS
Description  Single Color PLCC-2 Type (High Reliability type, V-Series)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VFHA1104LS Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  VFHA1104LS Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. VFHA1104LS Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. VFHA1104LS Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. VFHA1104LS Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. VFHA1104LS Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. VFHA1104LS Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. VFHA1104LS Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VFHA1104LS Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VFHA1104LS Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2010.12.15
Page 2
1104LS Series
(High Reliability type, V-Series)
Single Color PLCC-2 Type
(Ta=25℃)
Color and Luminous Intensity
※Note : The luminous intensity(I
v) and dominant wavelength (λd) above are the setup
values of the sorting machine.
(Tolerance : IV… ±10%, λd ... ±1nm)
Optical
Efficiency
(lm/W)
TYP.
IF(mA) MIN.
TYP.
IF(mA)
TYP.
IF(mA) (Reference)
VCPB1104LS
10
33
60
10
0.19
10
6.1
VCLB1104LS
30
150
260
30
0.85
30
8.9
VCPG1104LS
10
120
260
10
0.83
10
26.8
VCMG1104LS
30
330
700
30
2.20
30
22.9
VFHG1104LS
20
18
25
20
0.10
20
2.5
VFJG1104LS
20
27
36
20
0.11
20
2.8
VFGG1104LS
50
68
90
50
0.28
50
2.5
VFHP1104LS
20
56
78
20
0.30
20
7.5
VFJP1104LS
20
82
110
20
0.35
20
8.8
VFGP1104LS
50
120
180
50
0.57
50
5.2
VFHY1104LS
20
120
170
20
0.54
20
13.5
VFJY1104LS
20
180
255
20
0.81
20
20.3
VFGY1104LS
50
470
645
50
2.03
50
18.5
VFHA1104LS
20
120
170
20
0.54
20
13.5
VFJA1104LS
20
180
255
20
0.81
20
20.3
VFGA1104LS
50
560
780
50
2.46
50
22.4
VFHV1104LS
20
120
170
20
0.54
20
13.5
VFJV1104LS
20
180
230
20
0.73
20
18.3
VFGV1104LS
50
560
780
50
2.46
50
22.4
VFHR1104LS
20
100
140
20
0.44
20
11.0
VFJR1104LS
20
150
210
20
0.66
20
16.5
VFGR1104LS
50
330
500
50
1.57
50
14.3
Red
InGaN
AlGaInP
470
561
589
606
616
525
570
632
Luminous Intensity
Luminous Flux
λ
d (nm)
Iv (mcd)
φv(lm)
Dominant
Wavelength
Part No.
Material
Emitted
Color
Water
Clear
Green
Lens
Color
Blue
Yellw
Orange
Yellw
Green
2010.12.28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com