Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSBH0270 Datasheet(PDF) 12 Page - Fairchild Semiconductor

Part # FSBH0270
Description  Green Mode Fairchild Power Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBH0270 Datasheet(HTML) 12 Page - Fairchild Semiconductor

Back Button FSBH0270 Datasheet HTML 8Page - Fairchild Semiconductor FSBH0270 Datasheet HTML 9Page - Fairchild Semiconductor FSBH0270 Datasheet HTML 10Page - Fairchild Semiconductor FSBH0270 Datasheet HTML 11Page - Fairchild Semiconductor FSBH0270 Datasheet HTML 12Page - Fairchild Semiconductor FSBH0270 Datasheet HTML 13Page - Fairchild Semiconductor FSBH0270 Datasheet HTML 14Page - Fairchild Semiconductor FSBH0270 Datasheet HTML 15Page - Fairchild Semiconductor FSBH0270 Datasheet HTML 16Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70A_F116, FSBH0170/0270/0370_F116 • Rev. 1.0.1
12
Functional Description
Startup Operation
The HV pin is connected to bulk voltage through an
external resistor, RHV, as shown in Figure 26. When AC
voltage is applied to the power system, an internal HV
startup circuit provides a high current (around 3.5mA) to
charge an external VDD capacitor until VDD voltage
exceeds the turn-on threshold voltage (VDD-ON). For
lower power consumption, the HV startup circuit shuts
down during normal operation. The external VDD
capacitor and auxiliary winding maintain the VDD voltage
and provide operating current to controller.
Figure 26.
Startup Circuit
Slope Compensation
The FSBH-series is designed for flyback power
converters. The peak-current-mode control is used to
optimize system performance. Slope compensation is
added to reduce current loop gain and improve power
system stability. The FSBH-series has a built-in,
synchronized, positive slope for each switching cycle.
Soft-Start
The FSBH-series has an internal soft-start circuit that
reduces the SenseFET switching current during power
system startup. The characteristic curve of soft-start
time versus VLMT level is shown in Figure 27. The VLMT
level rises in six steps. By doing so, the power system
can smoothly build up the rated output voltage and
effectively reduce voltage stress on the PWM switch
and output diode.
Figure 27.
Soft-Start Function
Brown-In/Out Function
FSBH0x70 has a built-in internal brown-in/out protection
comparator monitoring voltage of VIN pin. Figure 28
shows a resistive divider with low-pass filtering for line-
voltage detection on the VIN pin.
Figure 28.
Brown-In/Out Function on VIN Pin
Once the VIN pin voltage is lower than 0.6V and lasts
for 500ms, the PWM gate is disabled to protect the
system from over current. FSBH0x70 starts up as VIN
increases above 1.1V. Because the divider resistors of
the VIN pin are connected behind the bridge, the ratio
calculations for brownout in PFC and non-PFC system
are different, as shown in Figure 29. The formulas are
provided in the following equations:
Brownout with PFC:
_
2
20.6
C
AC OUT
AB
C
R
V
RR
R


(1)
Brownout with non-PFC:
_
20.6
C
AC OUT
AB
C
R
V
RR
R


(2)
Brown-in level is determined by:
_
1.1
2
A
BC
AC
IN
C
RR
R
V
R


(3)
Figure 29.
VIN Level According to PFC Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com