Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSBH0270 Datasheet(PDF) 14 Page - Fairchild Semiconductor

Part # FSBH0270
Description  Green Mode Fairchild Power Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBH0270 Datasheet(HTML) 14 Page - Fairchild Semiconductor

Back Button FSBH0270 Datasheet HTML 8Page - Fairchild Semiconductor FSBH0270 Datasheet HTML 9Page - Fairchild Semiconductor FSBH0270 Datasheet HTML 10Page - Fairchild Semiconductor FSBH0270 Datasheet HTML 11Page - Fairchild Semiconductor FSBH0270 Datasheet HTML 12Page - Fairchild Semiconductor FSBH0270 Datasheet HTML 13Page - Fairchild Semiconductor FSBH0270 Datasheet HTML 14Page - Fairchild Semiconductor FSBH0270 Datasheet HTML 15Page - Fairchild Semiconductor FSBH0270 Datasheet HTML 16Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70A_F116, FSBH0170/0270/0370_F116 • Rev. 1.0.1
14
Figure 34.
OLP Operation
VDD Over-Voltage Protection (OVP)
VDD over-voltage protection prevents IC damage caused
by over voltage on the VDD pin. The OVP is triggered
when VDD voltage reaches 28V. Debounce time (typically
130µs) prevents false trigger by switching noise.
Over-Temperature Protection (OTP)
The SenseFET and the control IC are integrated,
making it easier to detect the temperature of the
SenseFET. As the temperature exceeds approximately
142°C, thermal shutdown is activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com