Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX02ESAP Datasheet(PDF) 2 Page - Littelfuse

Part # SX02ESAP
Description  New 1.5 Amp sensitive gate SCR series offers high static dv/dt with low
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SX02ESAP Datasheet(HTML) 2 Page - Littelfuse

  SX02ESAP Datasheet HTML 1Page - Littelfuse SX02ESAP Datasheet HTML 2Page - Littelfuse SX02ESAP Datasheet HTML 3Page - Littelfuse SX02ESAP Datasheet HTML 4Page - Littelfuse SX02ESAP Datasheet HTML 5Page - Littelfuse SX02ESAP Datasheet HTML 6Page - Littelfuse SX02ESAP Datasheet HTML 7Page - Littelfuse SX02ESAP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
202
Revised:December22,201009:54AM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
EV Series 1.5 Amp Sensitive SCRs
Sx02xS Series
Electrical Characteristics (T
J = 25°C, unless otherwise specified)
Static Characteristics (T
J = 25°C, unless otherwise specified)
Symbol
Description
Test Conditions
Sx02xS
Unit
Min
Max
I
GT
DC Gate Trigger Current
V
D = 12V
R
L = 60 Ω
15
200
μA
V
GT
DC Gate Trigger Voltage
—
0.8
V
V
GRM
Peak Reverse Gate Voltage
I
RG = 10μA
5
—
V
I
H
Holding Current
R
GK = 1 kΩ
—
5
mA
(dv/dt)s
Critical Rate-of-Rise of
Off-State Voltage
T
J = 125°C
V
D = VDRM / VRRM
Exponential Waveform
R
GK = 1 kΩ
25
—
V/μs
t
q
Turn-Off Time
T
J = 125°C @ 600 V
R
GK = 1 kΩ
—35
μs
t
gt
Turn-On Time
I
G = 10mA
PW = 15μsec
I
T = 3.0A (pk)
—3
μs
Symbol
Description
Test Conditions
Value
Unit
Min
Max
V
TM
Peak On-State Voltage
I
TM = 3.0A (pk)
—
1.70
V
I
DRM
Off-State Current, Peak Repetitive
T
J = 25°C @ VD= VDRM
R
GK = 1 kΩ
—5
μA
T
J = 125°C @ VD= VDRM
R
GK = 1 kΩ
—500
μA
Thermal Resistances
Symbol
Description
Test Conditions
Value
Unit
R
th(j-c)
Junction to case (AC)
I
T = 1.5A (RMS)
1
TO-92
50
°C/W
SOT-223
25
R
th(j-a)
Junction to ambient
I
T = 1.5A (RMS)
1
TO-92
160
°C/W
SOT-223
60
1 60Hz AC resistive load condition, 100% conduction.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com