Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX02ESAP Datasheet(PDF) 3 Page - Littelfuse

Part # SX02ESAP
Description  New 1.5 Amp sensitive gate SCR series offers high static dv/dt with low
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SX02ESAP Datasheet(HTML) 3 Page - Littelfuse

  SX02ESAP Datasheet HTML 1Page - Littelfuse SX02ESAP Datasheet HTML 2Page - Littelfuse SX02ESAP Datasheet HTML 3Page - Littelfuse SX02ESAP Datasheet HTML 4Page - Littelfuse SX02ESAP Datasheet HTML 5Page - Littelfuse SX02ESAP Datasheet HTML 6Page - Littelfuse SX02ESAP Datasheet HTML 7Page - Littelfuse SX02ESAP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
203
Revised:December22,201009:54AM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
EV Series 1.5 Amp Sensitive SCRs
Sx02xS Series
Figure 2: Normalized DC Holding Current
vs. Junction Temperature
-40
-25
-10
+5
+20
+35
+50
+65
+80
0.0
0.5
1.0
1.5
2.0
+95
+125
+110
Junction Temperature (T
J) °C
Figure 5: Maximum Allowable Case Temperature
vs. On-State Current
0.0
0.5
1.0
50
RMS On-state Current [I
T (RMS)] (Amps)
1.5
60
70
80
90
100
110
120
130
SOT-223
TO-92
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180o
CASE TEMPERATURE: Measured as
shown on dimensional drawings
Figure 3: Normalized DC Gate Trigger Voltage
vs. Junction Temperature
-40
-25
-10
+5
+20
+35
+50
+65
+80
+95
+110
+125
0.5
1.0
1.5
Junction Temperature (T
J) °C
Figure 1: Normalized DC Gate Trigger Current
vs. Junction Temperature
-40
-10
+20
+50
+80
0.0
0.5
1.0
1.5
2.0
Junction Temperature (T
J) °C
+95
+65
+35
+5
-25
+125
+110
2.5
0.0
0.5
1.0
0.0
1.5
0.5
1.0
1.5
RMS On-state Current [I
T(RMS)] (Amps)
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180
o
Figure 4: Power Dissipation (Typical)
vs. RMS On-State Current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com